Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL23EP08SC-3 Arkusz danych(PDF) 3 Page - Silicon Laboratories

Numer części SL23EP08SC-3
Szczegółowy opis  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP08SC-3 Arkusz danych(HTML) 3 Page - Silicon Laboratories

  SL23EP08SC-3 Datasheet HTML 1Page - Silicon Laboratories SL23EP08SC-3 Datasheet HTML 2Page - Silicon Laboratories SL23EP08SC-3 Datasheet HTML 3Page - Silicon Laboratories SL23EP08SC-3 Datasheet HTML 4Page - Silicon Laboratories SL23EP08SC-3 Datasheet HTML 5Page - Silicon Laboratories SL23EP08SC-3 Datasheet HTML 6Page - Silicon Laboratories SL23EP08SC-3 Datasheet HTML 7Page - Silicon Laboratories SL23EP08SC-3 Datasheet HTML 8Page - Silicon Laboratories SL23EP08SC-3 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Rev 1.0, May 18, 2006
Page 3 of 15
SL23EP08
General Description-
The SL23EP08 is a low skew, low jitter Zero Delay Buffer
with very low operating current.
The product includes an on-chip high performance PLL that
locks into the input reference clock and produces nine (9)
output clock drivers tracking the input reference clock for
systems requiring clock distribution.
in addition to CLKOUT that is used for internal PLL
feedback, there are two (2) banks with four (4) outputs in
each bank, bringing the number of total available output
clocks to nine (9).
Input and output Frequency Range-
The input and output frequency range is the same. But, the
frequency range depends on VDD and drive levels as given
in the below Table 1.
VDD(V)
Drive
Min(MHz)
Max(MHz)
3.3
HIGH
10
220
3.3
STD
10
167
2.5
HIGH
10
200
2.5
STD
10
133
Table 1. Input/Output Frequency Range
If the input clock frequency is less than 2 MHz or floating,
this is detected by an input frequency detection circuitry and
all eight (8) clock outputs are forced to Hi-Z. The PLL is
shutdown to save power. In this shutdown state, the product
draws less than 25 μA supply current.
SpreadThru
Feature-
If a Spread Spectrum Clock (SSC) were to be used as an
input clock, the SL23EP08 is designed to pass the
modulated Spread Spectrum Clock (SSC) signal from its
reference input to the output clocks. The same spread
characteristics at the input are passed through the PLL and
drivers without any degradation in spread percent (%),
spread profile and modulation frequency
Select Input Control-
The SL23EP08 provides two (2) input select control pins
called S1 and S2. This feature enables users to selects
various states of output clock banks-A and bank-B, output
source and PLL shutdown features as shown in the Table 2.
The S1 (Pin-9) and S2 (Pin-8) inputs include 2
50 kΩ weak
pull-down resistors to GND.
PLL Bypass Mode
If the S1 and S2 pins are logic Low(0) and High(1)
respectively, the on-chip PLL is shutdown and bypassed,
and all the nine output clocks bank A, bank B and CLKOUT
clocks are driven by directly from the reference input clock.
In this operation mode SL23EP08 works like a non-ZDB
product.
High and Low-Drive Product Options -
The SL23EP08 is offered with High-Drive “-1H” and
Standard-Drive “-1” options. These drive options enable the
users to control load levels, frequency range and EMI
control. Refer to the AC electrical tables for the details.
Skew and Zero Delay -
All outputs should drive the similar load to achieve output-to-
output skew and input-to-output specifications given in the
AC electrical tables. However, Zero delay between input and
outputs can be adjusted by changing the loading of CLKOUT
relative to the banks A and B clocks since CLKOUT is the
feedback to the PLL.
Power Supply Range (VDD)-
The SL23EP08 is designed to operate in a wide power
supply range from 2.3V (Min) to 3.3V (Max). An internal on-
chip voltage regulator is used to supply PLL constant power
supply of 1.8V, leading to a consistent and stable PLL
electrical performance in terms of skew, jitter and power
dissipation. Contact SLI for 1.8V power supply version ZDB
called SL23EPL08.
S2
S1
Clock A1-A4
Clock B1-B4 CLKOUT
Output Source
PLL Shutdown and
Bypass
0
0
Tri-state
Tri-state
Driven
PLL
Yes
0
1
Driven
Tri-state
Driven
PLL
No
1
0
Driven
[1]
Driven
Driven (4)
[1]
Reference
Yes
1
1
Driven
Driven
Driven
PLL
No
Table 2. Select Input Decoding


Podobny numer części - SL23EP08SC-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SpectraLinear Inc
SL23EP08SC-1 SPECTRALINEAR-SL23EP08SC-1 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08SC-1H SPECTRALINEAR-SL23EP08SC-1H Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08SC-1HT SPECTRALINEAR-SL23EP08SC-1HT Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08SC-1T SPECTRALINEAR-SL23EP08SC-1T Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08SC-2 SPECTRALINEAR-SL23EP08SC-2 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

Podobny opis - SL23EP08SC-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com