Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL16010 Arkusz danych(PDF) 6 Page - Silicon Laboratories

Numer części SL16010
Szczegółowy opis  Low Jitter and Power Clock Generator with SSCG
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL16010 Arkusz danych(HTML) 6 Page - Silicon Laboratories

  SL16010 Datasheet HTML 1Page - Silicon Laboratories SL16010 Datasheet HTML 2Page - Silicon Laboratories SL16010 Datasheet HTML 3Page - Silicon Laboratories SL16010 Datasheet HTML 4Page - Silicon Laboratories SL16010 Datasheet HTML 5Page - Silicon Laboratories SL16010 Datasheet HTML 6Page - Silicon Laboratories SL16010 Datasheet HTML 7Page - Silicon Laboratories SL16010 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Rev 2.6, August 1, 2010
Page 6 of 8
SL16010DC
External Components and Design Considerations
Typical Application Circuit
SL16010DC
XIN(1)
VDD2(8)
XOUT(10)
SSCLK(5)
SSEL1(3)
SSEL0(7)
100MHz
27MHz
CL1
CL2
0.1
μF
VSS2(2)
REFCLK(9)
27MHz
VSS1(6)
VDD1(4)
10
μF
External crystal load
capacitors are required if
crystal is used.
If external clock (XO) is
used leave Pin-10 XOUT
unconnected (N/C) and
drive Pin-1 XIN with clock.
VDD
VDD
0.1
μF
5K
5K
This example is
configured for -0.5%
Spread
SSEL0=M (VDD/2) and
SSEL1=LOW (VSS)
5K
Figure 4. Typical Application Schematic
Comments and Recommendations
Crystal and Crystal Load: Only use a parallel resonant fundamental AT cut crystal. DO NOT USE higher overtone
crystals. To meet the crystal initial accuracy specification (in ppm) make sure that external crystal load capacitor is
matched to crystal load specification. To determine the value of CL1 and CL2, use the following formula;
C1 = C2 = 2CL – (Cpin + Cp)
Where: CL is load capacitance stated by crystal manufacturer
Cpin is the SL16010 pin capacitance (4pF)
Cp is the parasitic capacitance of the PCB traces.
EXAMPLE; if a crystal with CL=12pF specification is used and Cp=1pF (parasitic PCB capacitance on PCB), 19 or
20pF external capacitors from pins XIN (pin-1) and XOUT (Pin-10) to VSS are required since CXIN=CXOUT=4pF for
the SL1610DC product. Users must verify Cp value.
Decoupling Capacitor: A decoupling ca
pacitor of 0.1μF must be used between VDD1/2 pins and VSS1/2 pin. Place
the capacitor on the component side of the PCB as close to the VDD1/2 pins as possible. The PCB trace to the
VDD1/2 pins and to the VSS via should be kept as short as possible Do not use vias between the decoupling
capacitor and the VDD1/2 pins. In addition, a 10uf capacitor should be placed between VDD and VSS.
Series Termination Resistor: A series termination resistor is recommended if the distance between the outputs
(REFCLK and SSCLK) and the load if PCB trace is over 1 ½ inch. The nominal impedance of the outputs is about 24
Ω. Use 22 Ω resistors in series with the outputs to terminate 50Ω trace impedance and place 22 Ω resistors as close
to the clock outputs as possible.


Podobny numer części - SL16010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
More results

Podobny opis - SL16010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
SL16020DC SILABS-SL16020DC Datasheet
139Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
List of Unclassifed Man...
IMIC9716J ETC1-IMIC9716J Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com