Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL16010 Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SL16010
Szczegółowy opis  Low Jitter and Power Clock Generator with SSCG
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL16010 Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SL16010 Datasheet HTML 1Page - Silicon Laboratories SL16010 Datasheet HTML 2Page - Silicon Laboratories SL16010 Datasheet HTML 3Page - Silicon Laboratories SL16010 Datasheet HTML 4Page - Silicon Laboratories SL16010 Datasheet HTML 5Page - Silicon Laboratories SL16010 Datasheet HTML 6Page - Silicon Laboratories SL16010 Datasheet HTML 7Page - Silicon Laboratories SL16010 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev 2.6, August 1, 2010
Page 1 of 8
400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
SL16010DC
Key Features
• Low power dissipation
- 13.5mA-typ CL=15pF
- 18.0mA-max CL=15pF
• 3.3V +/-10% power supply range
• 27.000MHz crystal or clock input
• 27.000MHz REFCLK
• 100MHz SSCLK with SSEL0/1 spread options
• Low CCJ Jitter
• Low LT Jitter
• Internal Voltage Regulators
• 45% to 55% Output Duty Cycle
• On-chip Crystal Oscillator
• -10 to +85 Temperature Range
• 10-pin 3x3x0.75 mm TDFN package
Application
• Video Cards
• NB and DT PCs
• HDTV and DVD-R/W
• Routers, Switches and Servers
• Data Communications
• Embeded Digital Applications
Description
The SL16010DC is a low power dissipation spread
spectrum clock generator using SLI proprietary low jitter
PLL. The SL16010DC provides two output clocks.
REFCLK (Pin-9) which is a buffered output of the
27.000MHz input crystal and SSCLK (Pin-5) which is
synthesized as 100.000MHz nominal by an internal PLL
using the 27.00MHz external input crystal or clock.
In addition, SSEL0 (Pin-7) and SSEL1 (Pin-3) spread
percent selection control inputs enable users to select
from 0.0% (no spread) to -3.0% down spread at
100.000MHz SSCLK output to reduce and optimize
system EMI levels.
The SL16010DC operates in an extended temperature
range of -10 to +85°C.
Contact SLI for other programmable frequencies, Spread
Spectrum Clock (SSC) options, as well as 2.5V+/-10 and
1.8V+/-5% power supply options.
Benefits
• EMI Reduction
• Improved Jitter
• Low Power Dissipation
• Eleminates external Xtals or XOs
Block Diagram
1
Low Jitter PLL
With
Modulation Control
5
Input Decoder
4
6
10
7
3
300K
SSCLK
100.000MHz
XIN/CLKIN
XOUT
VDD1
VSS1
SSEL0
SSEL1
9
REFCLK
27.000MHz
8
2
VSS2
VDD2
Figure 1. Block Diagram
Low Jitter and Power Clock Generator with SSCG


Podobny numer części - SL16010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
More results

Podobny opis - SL16010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
SL16020DC SILABS-SL16020DC Datasheet
139Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
List of Unclassifed Man...
IMIC9716J ETC1-IMIC9716J Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com