Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL2305ZC-1H Arkusz danych(PDF) 3 Page - Silicon Laboratories

Numer części SL2305ZC-1H
Szczegółowy opis  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL2305ZC-1H Arkusz danych(HTML) 3 Page - Silicon Laboratories

  SL2305ZC-1H Datasheet HTML 1Page - Silicon Laboratories SL2305ZC-1H Datasheet HTML 2Page - Silicon Laboratories SL2305ZC-1H Datasheet HTML 3Page - Silicon Laboratories SL2305ZC-1H Datasheet HTML 4Page - Silicon Laboratories SL2305ZC-1H Datasheet HTML 5Page - Silicon Laboratories SL2305ZC-1H Datasheet HTML 6Page - Silicon Laboratories SL2305ZC-1H Datasheet HTML 7Page - Silicon Laboratories SL2305ZC-1H Datasheet HTML 8Page - Silicon Laboratories SL2305ZC-1H Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev 2.1, October 22, 2007
Page 3 of 11
SL2305
General Description
The SL2305 is a low skew, low jitter Zero Delay Buffer with
very low operating power supply current (IDD).
The product includes an on-chip high performance PLL that
locks into the input reference clock and produces five (5)
output clock drivers tracking the input reference clock for
systems requiring clock distribution.
In addition to CLKOUT that is used for internal PLL
feedback, there is a single bank with four (4) outputs,
bringing the number of total available output clocks to five
(5).
Input and output Frequency Range
The input and output frequency range is the same. But, the
frequency range depends on the drive levels and load
capacitance (CL) as given in the below Table 1.
Drive
CL(pF)
Min(MHz)
Max(MHz)
HIGH (-1H)
15
10
140
HIGH (-1H)
30
10
100
STD (-1)
15
10
100
STD (-1)
30
10
66
Table 1. Input/Output Frequency Range
If the input clock frequency is DC (0 to VDD), this is
detected by an input detection circuitry and all five (5) clock
outputs are forced to Hi-Z. The PLL is shutdown to save
power. In this shutdown state, the product draws less than
12
μA-max supply current.
SpreadThru
Feature
If a Spread Spectrum Clock (SSC) were to be used as an
input clock, the SL2305 is designed to pass the modulated
Spread Spectrum Clock (SSC) signal from its CLKIN
(reference) input to the output clocks. The same spread
characteristics at the input are passed through the PLL and
drivers without any degradation in spread percent (%),
spread profile and modulation frequency.
High and Low-Drive Product Options
The SL2305 is offered with High-Drive “-1H” and Standard-
Drive “-1” options. These drive options enable the users to
control load levels, frequency range and EMI control. Refer
to the AC electrical tables for the details.
Skew and Zero Delay
All outputs should drive the similar load to achieve output-
to-output and input-to-output skew specifications given in
the AC electrical tables.
However, Zero delay between input and outputs can be
adjusted by changing the loading of CLKOUT relative to the
other clock outputs since CLKOUT is the feedback to the
PLL.
Power Supply Range (VDD)
The SL2305 is designed to operate from 3.0V (Min) to 3.6V
(Max), complying with VDD=3.3V+/-10% requirement.
An internal on-chip voltage regulator is used to supply PLL
constant power supply of 1.8V, leading to a consistent and
stable PLL electrical performance in terms of skew, jitter
and power dissipation.
Temperature Range and Packages
The SL2305 is offered with commercial temperature range
of 0 to +70°C (C-Grade) and industrial temperature range of
-40 to +85°C (I-Grade).
The SL2305 is available in 8-pin SOIC (150-mil) and 8-pin
TSSOP (173-mil) packages.
SL23EP05
Refer to SL23EP05 for extended frequency operation from
10 to 220MHz and 2.5V to 3.3V power supply operation
range.


Podobny numer części - SL2305ZC-1H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SpectraLinear Inc
SL2305ZC-1H SPECTRALINEAR-SL2305ZC-1H Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2305ZC-1HT SPECTRALINEAR-SL2305ZC-1HT Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
More results

Podobny opis - SL2305ZC-1H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com