Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4708 Arkusz danych(PDF) 10 Page - Silicon Laboratories

Numer części SI4708
Szczegółowy opis  Si4708/09 PROGRAMMING GUIDE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4708 Arkusz danych(HTML) 10 Page - Silicon Laboratories

Back Button SI4708 Datasheet HTML 6Page - Silicon Laboratories SI4708 Datasheet HTML 7Page - Silicon Laboratories SI4708 Datasheet HTML 8Page - Silicon Laboratories SI4708 Datasheet HTML 9Page - Silicon Laboratories SI4708 Datasheet HTML 10Page - Silicon Laboratories SI4708 Datasheet HTML 11Page - Silicon Laboratories SI4708 Datasheet HTML 12Page - Silicon Laboratories SI4708 Datasheet HTML 13Page - Silicon Laboratories SI4708 Datasheet HTML 14Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AN349
10
Rev. 0.1
Figure 5. Powerdown Timing
3.2.2. XOSCEN-Crystal Oscillator Enable (Not available on Si4708/09)
The internal oscillator is not available on the Si4708/09. The Si4708/09-B requires a 32.768 kHz reference clock to
the RCLK pin. Refer to the Si4708/09 datasheet for more information.
3.2.3. AHIZEN (07h.14)—Audio High-Z Enable
For information on audio high-Z enable, refer to Section 3.2.3 of “AN230: Si4700/01/02/03 Programming Guide."
3.2.4. GPIO1-General Purpose I/O 1 (Not available on Si4708/09)
General purpose I/O 1 is not available on the Si4708/09.
3.2.5. GPO (04h.3:2)/RDSIEN (04h.15)/STCIEN (04h.14)—General Purpose I/O, Interrupts
GPO can be programmed to four different states as shown in Table 5. When programmed as an interrupt, the
device will generate interrupts based on the settings of RDSIEN and STCIEN. If RDSIEN is set a 5 ms interrupt
pulse will be generated when RDS data is available. If STCIEN is set a 5 ms interrupt pulse will be generated upon
completion of a SEEK or TUNE command. If both interrupts are enabled, the first interrupt after a SEEK or TUNE
will be the STC interrupt. Subsequent interrupts will be RDS interrupts. This pin can also be used as a general
purpose output or left unused. RDS is only available on the Si4709.
Table 4. Powerdown Sequence
Write address 07h (optional for LOUT and ROUT Hi-Z).
Set AHIZEN. All other bits in this register should be maintained at the value last read (i.e., 0x3C04 or 0xBC04).
Example: Write data 7C04h.
Write address 04h (This step is required for the Si4708/09 to reduce powerdown mode current).
Set Register 4 [5:4] and [1:0] to 10b. All other bits in this register should be maintained at the value last
read.
Example: Write data 002Ah.
Write address 02h (required).
Clear the DMUTE bit to enable mute.
Set the ENABLE bit high and DISABLE bit high to set the powerdown state.
After the DISABLE bit is set high, the device performs an internal powerdown sequence and then sets the
ENABLE and DISABLE bits low. Setting the ENABLE bit directly to 0 will cause the device to partially
powerdown.
Example: Write data 0041h.
WR02
1.5 ms max
ENABLE = 1
DISABLE = 1
RD02
ENABLE = 0
DISABLE = 0
Optional
Required


Podobny numer części - SI4708

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4708 SILABS-SI4708 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4708 SILABS-SI4708 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4708 SILABS-SI4708 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4708 SILABS-SI4708 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
More results

Podobny opis - SI4708

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com