Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4710 Arkusz danych(PDF) 6 Page - Silicon Laboratories

Numer części SI4710
Szczegółowy opis  Si47XX PROGRAMMING GUIDE
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4710 Arkusz danych(HTML) 6 Page - Silicon Laboratories

Back Button SI4710 Datasheet HTML 2Page - Silicon Laboratories SI4710 Datasheet HTML 3Page - Silicon Laboratories SI4710 Datasheet HTML 4Page - Silicon Laboratories SI4710 Datasheet HTML 5Page - Silicon Laboratories SI4710 Datasheet HTML 6Page - Silicon Laboratories SI4710 Datasheet HTML 7Page - Silicon Laboratories SI4710 Datasheet HTML 8Page - Silicon Laboratories SI4710 Datasheet HTML 9Page - Silicon Laboratories SI4710 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 302 page
background image
AN332
6
Rev. 1.0
4. Commands and Responses
Commands control actions, such as power up, power down, or tune to a frequency, and are one byte in size.
Arguments are specific to a given command and are used to modify the command. For example, after the
TX_TUNE_FREQ command, arguments are required to set the tune frequency. Arguments are one byte in size,
and each command may require up to seven arguments. Responses provide the system controller status
information and are returned after a command and its associated arguments are issued. All commands return a
one byte status indicating interrupt state and clear-to-send the next command. Commands may return up to 15
additional response bytes. A complete list of commands is available in “5. Commands and Properties”.
Table 2 shows an example of tuning to a frequency using the TX_TUNE_FREQ command. This command requires
that a command and three arguments be sent and returns one status byte. The table is broken into three columns.
The first column lists the action taking place: command (CMD), argument (ARG), status (STATUS), or response
(RESP). The second column lists the data byte or bytes in hexadecimal that are being sent or received. An arrow
preceding the data indicates data being sent from the device to the system controller. The third column describes
the action.
Properties are special command arguments used to modify the default device operation and are generally
configured immediately after power-up. Examples of properties are TX _PREEMPHASIS and REFCLK_FREQ. A
complete list of properties is available in Section “5. Commands and Properties”.
Table 3 shows an example of setting the REFCLK frequency using the REFCLK_FREQ property by sending the
SET_PROPERTY command and five argument bytes. ARG1 of the SET_PROPERTY command is always 0x00.
ARG2 and ARG3 are used to select the property number, PROP (0x0201 in this example), and ARG4 and ARG5
are used to set the property value, PROPD (0x8000 or 32768 Hz in the example).
The implementation of the command and response procedures in the system controller differs for each of the three
bus modes. Section "6. Control Interface" on page 206 details the required bit transactions on the control bus for
each of the bus modes.
Table 2. Using the TX_TUNE_FREQ Command
Action
Data
Description
CMD
0x30
TX_TUNE_FREQ
ARG1
0x00
ARG2
0x27
Set Station to 101.1 MHz
ARG3
0x7E
(0x277E = 10110 with 10 kHz step size)
STATUS
0x80 Reply Status. Clear-to-send high.
Table 3. Using the SET_PROPERTY Command
Action
Data
Description
CMD
0x12
SET_PROPERTY
ARG1
0x00
ARG2 (PROP)
0x02
REFCLK_FREQ
ARG3 (PROP)
0x01
ARG4 (PROPD)
0x80
32768 Hz
ARG5 (PROPD)
0x00
STATUS
0x80 Reply Status. Clear-to-send high.


Podobny numer części - SI4710

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
SI4710 SILABS-SI4710 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4710 SILABS-SI4710 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4710 SILABS-Si4710 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
SI4710-B30 SILABS-SI4710-B30 Datasheet
1Mb / 40P
   Si4710/11-B30 FM RADIO TRANSMITTER
More results

Podobny opis - SI4710

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
AN346 SILABS-AN346 Datasheet
964Kb / 2P
   Si47XX EVALUATION BOARD QUICK-START GUIDE
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com