Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4822 Arkusz danych(PDF) 2 Page - Silicon Laboratories

Numer części SI4822
Szczegółowy opis  Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4822 Arkusz danych(HTML) 2 Page - Silicon Laboratories

  SI4822 Datasheet HTML 1Page - Silicon Laboratories SI4822 Datasheet HTML 2Page - Silicon Laboratories SI4822 Datasheet HTML 3Page - Silicon Laboratories SI4822 Datasheet HTML 4Page - Silicon Laboratories SI4822 Datasheet HTML 5Page - Silicon Laboratories SI4822 Datasheet HTML 6Page - Silicon Laboratories SI4822 Datasheet HTML 7Page - Silicon Laboratories SI4822 Datasheet HTML 8Page - Silicon Laboratories SI4822 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
AN602
2
Rev. 0.3
2. Si4822/26/27/40/44 Default Frequency Band Definition and Selection
For Si4822/26/27/40/44, there are two methods for defining a frequency band, one is to select one of the chip
internal default bands by using the slide switch and resistor ladder. Another method is to use the host MCU
sending command to make the chip work in the desired band. Refer to application note, “AN610: Si48xx ATDD
Programming Guide”, for information on how to use the Si4822/26/27/40/44 to define a frequency band and set a
band property. This section describes how to select the default frequency band by using the slide switch and
resistors ladder.
The Si4822/40 has five defined FM bands and five defined AM bands. The Si4826/27/44 has an added 16 SW
bands. In each FM band, the parts also offer two de-emphasis selections and two LED stereo separation threshold
selections, which results in a total 41 combinations to choose from.
The Si4822/26/40/44-A supports FM band range less than 23 MHz and SW band range less than 1.15 MHz. The
Si4827-A/44-B supports wider FM/SW band range. Refer to application note, “AN610: Si48xx ATDD Programming
Guide” for details.
2.1. Si4822/26/27/40/44 Default Band Definition
For Si4822/26/27/40/44, the FM band definition is in fact a combination of frequency range, de-emphasis, and LED
stereo separation threshold. Customers should choose the band according to not only frequency range, but also
de-emphasis setting and LED stereo separation requirements. For AM and SW, simply choose the band according
to the frequency range desired.
Table 2. Band Sequence Definition
Band
Number
Band
Name
Band Frequency
Range
De-emphasis (FM)
Channel Space (AM)
Stereo LED on
Conditions
(Only for Si4840/44)
Total R to GND
(k
, 1%)
Band1
FM1
87–108 MHz
75 µs
Separation = 6 dB,
RSSI = 20
 47
Band2
FM1
87–108 MHz
75 µs
Separation = 12 dB,
RSSI = 28
 57
Band3
FM1
87–108 MHz
50 µs
Separation = 6dB,
RSSI = 20
 67
Band4
FM1
87–108 MHz
50 µs
Separation = 12 dB,
RSSI = 28
 77
Band5
FM2
86.5–109 MHz
75 µs
Separation = 6 dB,
RSSI = 20
 87
Band6
FM2
86.5–109 MHz
75 µs
Separation = 12 dB,
RSSI = 28
 97
Band7
FM2
86.5–109 MHz
50 µs
Separation = 6 dB,
RSSI = 20
 107
Band8
FM2
86.5–109 MHz
50 µs
Separation = 12 dB,
RSSI = 28
 117
Band9
FM3
87.3–108.25 MHz
75 µs
Separation = 6 dB,
RSSI = 20
 127


Podobny numer części - SI4822

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SI4822 FAIRCHILD-SI4822 Datasheet
94Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
logo
Silicon Laboratories
SI4822 SILABS-SI4822 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
SI4822 SILABS-SI4822 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
SI4822-A10 SILABS-SI4822-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4822-DEMO SILABS-SI4822-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
More results

Podobny opis - SI4822

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN603 SILABS-AN603 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com