Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4785 Arkusz danych(PDF) 7 Page - Silicon Laboratories

Numer części SI4785
Szczegółowy opis  Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4785 Arkusz danych(HTML) 7 Page - Silicon Laboratories

Back Button SI4785 Datasheet HTML 3Page - Silicon Laboratories SI4785 Datasheet HTML 4Page - Silicon Laboratories SI4785 Datasheet HTML 5Page - Silicon Laboratories SI4785 Datasheet HTML 6Page - Silicon Laboratories SI4785 Datasheet HTML 7Page - Silicon Laboratories SI4785 Datasheet HTML 8Page - Silicon Laboratories SI4785 Datasheet HTML 9Page - Silicon Laboratories SI4785 Datasheet HTML 10Page - Silicon Laboratories SI4785 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
AN383
Rev. 0.8
7
2.2. Emissions Mitigation Components
The following components may be placed to reduce VCO emissions. This is only required if regulatory testing
requires measuring emissions at the VCO frequency of 3–4 GHz. Refer to Section “2.6.1. Emissions Mitigation
Checklist” for detailed layout and grounding recommendations pertaining to the components described below.
2.2.1. FMI Mitigation Components
C5 (NP) is an optional filter capacitor for FMI pin 2 and may be placed to shunt VCO energy to GND and prevent it
from radiating from an antenna connected to the FMI pin. This pad is a placeholder for alternate emission
mitigation option 2. While it is recommended to select option 1 for best sensitivity and mitigation performance,
leaving this pad ensures that there is no redesign necessary between options. Route pin 2 to GND/RFGND if the
pin functionality is not used.
F1 (BLM15GA750SN1) is an optional bead for FMI pin 2 and may be placed to prevent VCO energy from radiating
from FMI pin. Place F1 as close as possible to FMI pin 2. Route pin 2 to GND/RFGND if the pin functionality is not
used.
C14 (6 pF) is an optional filter capacitor for FMI pin 2 and may be placed to shunt VCO energy to GND and prevent
it from radiating from an antenna connected to the FMI pin. Place C14 as close as possible to FMI pin 2. The
ground path should be optimized on the top layer. Route pin 2 to GND/RFGND if the pin functionality is not used.
2.2.2. AMI Mitigation Components
C17 (3.3 pF) is an optional filter capacitor for AMI pin 4 on Si473x devices and may be placed to shunt VCO energy
to GND and prevent it from radiating from an antenna connected to the AMI pin. Place C17 as close as possible to
AMI pin 4 and RFGND pin 3. The ground path should be optimized on the top layer. Route pin 4 to GND/RFGND if
the pin functionality is not used.
L2 (10 nH) is an optional filter inductor for AMI pin 4 on Si473x devices and may be placed to prevent VCO energy
from radiating from AMI pin. Place L2 as close as possible to AMI pin 4. Route pin 4 to GND/RFGND if the pin
Table 2. FMI Mitigation Components
Option
Components
Sensitivity
Mitigation
Cost
1C5 = NP
F1 = BLM15GA750SN1
C14 = 6 pF
Best
Best
Higher
2C5 = 2.7 pF
F1 = 20 nH
C14 = 2.7 pF
Less
(+1.75 dB vs Option1)
Good
Lower
Table 3. AMI Mitigation Components
Option
Components
Sensitivity
Mitigation
Cost
1
C17 = 3.3 pF
L2 = 10 nH
C16 = 3.3 pF
Best
Good
Lower
2
C17 = 2.7 pF
L2 = 20 nH
C16 = 2.7 pF
Less
(+3 dB vs Option1)
Better
Lower
3C17 = NP
L2 = BLM15GA750SN1
C16 = NP
Least
(+6 dB vs Option1)
Best
Higher


Podobny numer części - SI4785

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4785 SILABS-SI4785 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
Si4785 SILABS-Si4785 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Podobny opis - SI4785

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com