Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3000PPT-EVB Arkusz danych(PDF) 4 Page - Silicon Laboratories

Numer części SI3000PPT-EVB
Szczegółowy opis  EVALUATION BOARD FOR THE Si3000 WITH THE PARALLEL PORT INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3000PPT-EVB Arkusz danych(HTML) 4 Page - Silicon Laboratories

  SI3000PPT-EVB Datasheet HTML 1Page - Silicon Laboratories SI3000PPT-EVB Datasheet HTML 2Page - Silicon Laboratories SI3000PPT-EVB Datasheet HTML 3Page - Silicon Laboratories SI3000PPT-EVB Datasheet HTML 4Page - Silicon Laboratories SI3000PPT-EVB Datasheet HTML 5Page - Silicon Laboratories SI3000PPT-EVB Datasheet HTML 6Page - Silicon Laboratories SI3000PPT-EVB Datasheet HTML 7Page - Silicon Laboratories SI3000PPT-EVB Datasheet HTML 8Page - Silicon Laboratories SI3000PPT-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Si3000PPT-EVB
4
Rev. 0.1
Evaluation Software
The Si3000PPT-EVB includes an easy-to-use graphical
interface for controlling the evaluation platform. The
software is called Si30xxPPT evaluation software. This
software allows the system designer to characterize the
Si3000 voice band codec performance without
constructing any custom hardware. The evaluation
software includes the following features:
Ability to read and write the Si3000 registers using
the SSI bus
DAC waveform generation from a series of standard
waveforms or from a .wav file
ADC data capture and display in either time or
frequency domain using the SSI bus
Daisy-chain support
Transmit and receive path attenuation and gain
settings
PC System Requirements
The application software for the Si30xxPPT-EVB has
the following system requirements:
Windows98 or Windows2000
Available parallel port
EPP or ECP parallel port mode for Windows 98
EPP parallel port mode for Windows 2000
450 MHz Pentium II or greater recommended
64 MB of memory or greater recommended
Installation
The supplied CD contains the Si30xxPPT-EVB windows
driver files as well as a setup utility for installing the
evaluation software.
To install the Si30xxPPT-EVB software, run the
installation program on the “Silicon Laboratories
Wireline Software CD.” The path for the installation
program is Si30xx Evaluation Software\setup.exe. The
installer guides the user through the installation process
for Si30xxPPT-EVB.exe and the LabVIEW Run-Time
engine.
Using the Si3000PPT-EVB
Application Software
A shortcut for starting the application software that
controls the Si3000PPT-EVB is installed in the Windows
Start Menu under the Programs folder in the “Si30xx
Evaluation Software” folder.
Application Menus
Three pulldown menus are used to configure the
operation of the software:
Run:

Exit: Stops the program

Save: Stores the audio waveform into .wav files
Configure:

Configure Device: Display hardware status and user
configuration. User can set advanced software options.

Reset Device: Resets device and executes basic
initialization sequences.
Design Tool

Register Map: Displays register map of the device

Signal Flow Diagram: Displays signal flow diagram of
the device.

Transhybrid Loss Calculation: Calculate transhybrid loss
over frequency

Ringing: Helps user program ring validation registers.
Help: Displays information about the evaluation
board


Podobny numer części - SI3000PPT-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI3000 ETC1-SI3000 Datasheet
1Mb / 36P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
logo
Silicon Laboratories
SI3000 SILABS-SI3000 Datasheet
816Kb / 34P
   84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
logo
Skyworks Solutions Inc.
SI3000 SKYWORKS-SI3000 Datasheet
1Mb / 34P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
logo
Silicon Laboratories
SI3000-C-FS SILABS-SI3000-C-FS Datasheet
816Kb / 34P
   84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
logo
Skyworks Solutions Inc.
SI3000-C-FS SKYWORKS-SI3000-C-FS Datasheet
1Mb / 34P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
More results

Podobny opis - SI3000PPT-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3000SSI-EVB SILABS-SI3000SSI-EVB Datasheet
594Kb / 21P
   EVALUATION BOARD FOR THE SI3000 WITH THE STANDARD SERIAL INTERFACE
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
STMicroelectronics
ROBOT-M24LR16E-A STMICROELECTRONICS-ROBOT-M24LR16E-A Datasheet
147Kb / 5P
   Evaluation board for the M24LR16E-R dual interface EEPROM
logo
Analog Devices
UG-054 AD-UG-054 Datasheet
468Kb / 8P
   Setting Up the Evaluation Board for the ADP150
REV. 0
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
   Evaluation Board for the SA9903B Energy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com