Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4682-A10 Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SI4682-A10
Szczegółowy opis  Single-Chip, FM/HD Radio Receiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4682-A10 Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SI4682-A10 Datasheet HTML 1Page - Silicon Laboratories SI4682-A10 Datasheet HTML 2Page - Silicon Laboratories SI4682-A10 Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Digital Radio Receiver
Copyright © 2013 by Silicon Laboratories
05.07.2013
I2S
FLASH
Interface
LOUT
ROUT
RFREF
VHFI
ADC
DAC
DCLK
DFS
DOUT
SCLK
SSB
MISO
MOSI
CLK
Gen
RDS
Control
LDOs
Si4682-A10
AGC
ADC
DAC
DSP
LNA
VHFSW
VHF SW
Si4682-A10
Single-Chip, FM/HD Radio Receiver
Description
The Si4682 single-chip digital receiver is one member of a
family of 100% CMOS digital radio broadcast receiver ICs
from Silicon Labs. The Si468x family offers a complete and
cost-effective digital radio solution integrating the RF tuner,
baseband and audio processing on a single die. The high
level of integration provides significant customer benefits
compared to traditional digital radio solutions including a
reduction in system implementation complexity, validation
and testing, and improved reliability and manufacturability.
The Si4682 is compatible with the iBiquity Digital and
NRSC-5 standards for FM In-Band-On-Channel (IBOC)
digital radio broadcasting, integrating digital channel
demodulation and decoding functions, along with audio
decoding and IBOC analog-digital blend. The Si4682 is
capable of tuning HD Radio™ reception to cover additional
FM frequencies for future IBOC adoption outside of North
America.
The
Si4682
additionally
supports
IBOC
multicasting, as well as the full-range of HD Radio data
services, such as PSD (Program Service Data), Artist
Experience, iTunes® Tagging, Bookmark and real-time
traffic, with the appropriate external decoders.
The Si4682 additionally supports worldwide FM radio
reception and incorporates a fully integrated decoder for
the European Radio Data System (RDS) and the North
American Radio Broadcast Data System (RDBS) including
all required symbol decoding, block synchronization, error
detection, and error correction functions.
For more information, visit the Si468x Digital Radio
Receivers web page.
Features
- Worldwide FM band support (76–108 MHz)
- Advanced RDS/RBDS decoder
- FM HD Radio™ support
- Integrated IBOC blend
- Advanced seek functionality
- Advanced audio DSP processing
- I2S digital audio out with ASRC
- Integrated 97 dB stereo audio DAC
- Concurrent I2S/L-R stereo audio out
- Full range of signal quality metrics
- Fully-integrated VCO / PLL / synthesizer
- SPI and I2C host control interfaces
- WLCSP 62-ball, 3.2x3.77x0.59 mm
- QFN 48-pin, 7x7x0.85 mm
Applications
- Mobile phones and tablets
- Clock and tabletop radios
- Stereo boomboxes
- Mini/micro systems
- Docking stations
- Personal navigation devices


Podobny numer części - SI4682-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4682-A10-GDR SILABS-SI4682-A10-GDR Datasheet
1,022Kb / 3P
   Single-Chip, FM/HD Radio Receiver
Si4682-A10-GM SILABS-Si4682-A10-GM Datasheet
225Kb / 2P
   Silicon Labs is updating the Si4682/4/8 data sheets
Si4682-A10-Gx SILABS-Si4682-A10-Gx Datasheet
88Kb / 1P
   Silicon Labs is updating the Si4682/4/8 datasheets
Si4682-A10-Gx SILABS-Si4682-A10-Gx Datasheet
190Kb / 1P
   Silicon Labs is updating the Si4682/4/8 datasheets
More results

Podobny opis - SI4682-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4682-A10-GDR SILABS-SI4682-A10-GDR Datasheet
1,022Kb / 3P
   Single-Chip, FM/HD Radio Receiver
SI4683-A10 SILABS-SI4683-A10 Datasheet
53Kb / 2P
   Single-Chip, AM/FM/HD Radio Receiver
SI4688-A10 SILABS-SI4688-A10 Datasheet
993Kb / 3P
   Single-Chip, FM/HD/DAB/DAB Radio Receiver
SI4689-A10 SILABS-SI4689-A10 Datasheet
985Kb / 3P
   Single-Chip, AM/FM/HD/DAB/DAB Radio Receiver
SI4684-A10 SILABS-SI4684-A10 Datasheet
997Kb / 3P
   Single-Chip, FM/DAB/DAB Radio Receiver
SI4685-A10 SILABS-SI4685-A10 Datasheet
1,000Kb / 3P
   Single-Chip, AM/FM/DAB/DAB Radio Receiver
SI4622-A10 SILABS-SI4622-A10 Datasheet
46Kb / 2P
   High-Performance, Single-Chip FM HD-Radio/RDS/RBDS
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com