Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4688-A10 Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SI4688-A10
Szczegółowy opis  Single-Chip, FM/HD/DAB/DAB Radio Receiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4688-A10 Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SI4688-A10 Datasheet HTML 1Page - Silicon Laboratories SI4688-A10 Datasheet HTML 2Page - Silicon Laboratories SI4688-A10 Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
I2S
FLASH
Interface
LOUT
ROUT
RFREF
VHFI
ADC
DAC
DCLK
DFS
DOUT
SCLK
SSB
MISO
MOSI
CLK
Gen
RDS
Control
LDOs
Si4688-A10
AGC
ADC
DAC
DSP
LNA
VHFSW
VHF SW
Si4688-A10
Single-Chip, FM/HD/DAB/DAB+ Radio Receiver
Description
The Si4688 single-chip digital receiver is one member of a
family of 100% CMOS digital radio broadcast receiver ICs
from Silicon Labs. The Si468x family offers a complete and
cost-effective digital radio solution integrating the RF tuner,
baseband, and audio processing on a single die. The high
level of integration provides significant customer benefits
compared to traditional digital radio solutions, including a
reduction in system implementation complexity, validation
and testing, and improved reliability and manufacturability.
The Si4688 is compatible with the iBiquity Digital and
NRSC-5 standards for FM In-Band-On-Channel (IBOC)
digital radio broadcasting, integrating digital channel
demodulation and decoding functions, along with audio
decoding and IBOC analog-digital blend. The Si4688
supports IBOC multicasting, as well as the full-range of HD
Radio data services, such as PSD, Artist Experience,
iTunes® Tagging, Bookmark and real-time Traffic, with the
appropriate external decoders.
The Si4688 also offers VHF Band III (168–240 MHz)
reception capability and is fully compliant with ETSI EN 300
401 and ETSI TS 102 563. The Si4688 delivers DAB and
DAB+ via an integrated source decoder that supports both
MPEG Audio Layer 2 (DAB) and HE-AAC V2 (DAB+). The
Si4688 supports data services such as Dynamic Labels,
Intellitext, Electronic Program Guide (EPG), Slideshow,
and Journaline® with the appropriate external decoders.
For more information, visit the Si468x Digital Radio
Receivers web page.
Features
- Worldwide FM band support (76–108 MHz)
- Advanced RDS/RBDS decoder
- FM HD Radio™ support with on-chip IBOC blend
- DAB, DAB+ Band III support (168–240 MHz)
- Supports WorldDMB Receiver Profiles 1 and 2
- Integrated OFDM channel demodulator
- Integrated de-interleaving SRAM
- I2S digital audio out with ASRC
- Integrated 97 dB stereo audio DAC
- Concurrent I2S/L-R stereo audio out
- Full range of signal quality metrics
- Fully-integrated VCO / PLL / synthesizer
- SPI and I2C host control interfaces
- WLCSP 62-ball, 3.2x3.77x0.59 mm
- QFN 48-pin, 7x7x0.85 mm
Applications
- Mobile phones and tablets
- Clock and tabletop radios
- Stereo boomboxes
- Mini/micro systems
- Docking stations
- Personal navigation devices


Podobny numer części - SI4688-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si4688-A10-GM SILABS-Si4688-A10-GM Datasheet
225Kb / 2P
   Silicon Labs is updating the Si4682/4/8 data sheets
Si4688-A10-Gx SILABS-Si4688-A10-Gx Datasheet
88Kb / 1P
   Silicon Labs is updating the Si4682/4/8 datasheets
Si4688-A10-Gx SILABS-Si4688-A10-Gx Datasheet
190Kb / 1P
   Silicon Labs is updating the Si4682/4/8 datasheets
More results

Podobny opis - SI4688-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4689-A10 SILABS-SI4689-A10 Datasheet
985Kb / 3P
   Single-Chip, AM/FM/HD/DAB/DAB Radio Receiver
SI4684-A10 SILABS-SI4684-A10 Datasheet
997Kb / 3P
   Single-Chip, FM/DAB/DAB Radio Receiver
SI4685-A10 SILABS-SI4685-A10 Datasheet
1,000Kb / 3P
   Single-Chip, AM/FM/DAB/DAB Radio Receiver
SI4629-A10 SILABS-SI4629-A10 Datasheet
984Kb / 3P
   High-Performance, Single-Chip AM/FM/HD/DAB/DAB/RDS/RDBS
SI4624-A10 SILABS-SI4624-A10 Datasheet
982Kb / 3P
   High-Performance, Single-Chip FM/DAB/DAB/RDS/RBDS
logo
STMicroelectronics
STA709 STMICROELECTRONICS-STA709 Datasheet
194Kb / 7P
   AM/FM/HD-Radio??DAB automotive digital output tuner
Rev 2 - November 2019
TDA7707 STMICROELECTRONICS-TDA7707 Datasheet
201Kb / 7P
   AM/FM/HD-RadioTM/DAB submicron technology automotive receiver
November 2019 Rev 3
logo
Silicon Laboratories
SI4682-A10 SILABS-SI4682-A10 Datasheet
998Kb / 3P
   Single-Chip, FM/HD Radio Receiver
SI4682-A10-GDR SILABS-SI4682-A10-GDR Datasheet
1,022Kb / 3P
   Single-Chip, FM/HD Radio Receiver
SI4683-A10 SILABS-SI4683-A10 Datasheet
53Kb / 2P
   Single-Chip, AM/FM/HD Radio Receiver
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com