Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4712 Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SI4712
Szczegółowy opis  FM Radio Transmitter with Receive Power Scan
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4712 Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SI4712 Datasheet HTML 1Page - Silicon Laboratories SI4712 Datasheet HTML 2Page - Silicon Laboratories SI4712 Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ADC
ADC
Si4712/13
DSP
DAC
DAC
CONTROL
INTERFACE
GPO
RDS (Si4713)
LDO
VDD
GND
LIN
RIN
Tx
Ant
TXO
DFS
DIN
AFC
L1
120 nH
RFGND
DIGITAL
AUDIO
PEAK
DETECT
2.7–5.5 V
C1
22 nF
Si4712/13
FM Radio Transmitter with Receive Power Scan
Description
The Si4712/13 is the industry's first 100% CMOS FM
radio transmitter with an integrated receiver to
measure
receive
signal
strength.
The
device
leverages Silicon Labs’ highly successful and proven
Si4700/01
FM receiver,
and offers
unmatched
integration and performance allowing FM transmit to
be added to any portable device by using a single
chip. As with the Si4700/01, the Si4712/13 offers
industry leading size, performance, low power
consumption, and ease of use.
The Si4712/13’s digital integration reduces the
required external components of traditional offerings,
resulting in a solution requiring only an external
inductor and bypass capacitor, and PCB space of
approximately 15 mm2. High reliability in device
manufacturing, improved quality, easy design-in, and
software programmability are key advantages of the
Si4712/13.
The Si4713 supports the European Radio Data
System (RDS) and the US Radio Broadcast Data
System (RBDS) standards including all the symbol
encoding, block synchronization, and error correction
functions. Using this feature, the Si4713 enables
data such as artist name and song title to be
transmitted to an RDS/RBDS receiver.
Users are responsible for adjusting their system’s
radiated power levels to comply with local regulations
on RF transmission (FCC, ETSI, ARIB, etc.).
Features
- Integrated receiver for receive power measurement
- Worldwide FM band support
(76–108 MHz) for transmit
- Requires only two external components
- Frequency synthesizer with integrated VCO
- Digital stereo modulator
- Programmable pre-emphasis
(50/75 µs)
- Analog/digital audio interface
- Programmable reference clock
- RDS/RBDS transmit encoder (Si4713 only)
- PCB loop antenna support with self calibrated
capacitor tuning
- Programmable transmit level
- Programmable modulation
- 2.7 to 5.5 V supply voltage
- Digital gain compression
- Integrated LDO regulator
- 3 x 3 x 0.55 mm 20-pin QFN
- Pb-free and RoHS Compliant
Applications
- Cellular handsets/hands-free
- MP3 players
- Portable audio/video players
- Wireless speakers/microphone
- Satellite digital audio radios
- Personal computers/notebooks


Podobny numer części - SI4712

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4712 SILABS-SI4712 Datasheet
1Mb / 14P
   RECEIVE POWER SCAN PRIMER
SI4712 SILABS-SI4712 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4712 SILABS-SI4712 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4712 SILABS-SI4712 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4712 SILABS-Si4712 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Podobny opis - SI4712

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4712-B30 SILABS-SI4712-B30 Datasheet
1Mb / 42P
   FM RADIO TRANSMITTER WITH RECEIVE POWER SCAN
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
[Old version datasheet]   FM STEREO RADIO WITH TRANSMITTER
logo
Silicon Laboratories
AN307 SILABS-AN307 Datasheet
1Mb / 14P
   RECEIVE POWER SCAN PRIMER
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
SI4710-B30 SILABS-SI4710-B30 Datasheet
1Mb / 40P
   Si4710/11-B30 FM RADIO TRANSMITTER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com