Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4720-B20 Arkusz danych(PDF) 7 Page - Silicon Laboratories

Numer części SI4720-B20
Szczegółowy opis  BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4720-B20 Arkusz danych(HTML) 7 Page - Silicon Laboratories

Back Button SI4720-B20 Datasheet HTML 3Page - Silicon Laboratories SI4720-B20 Datasheet HTML 4Page - Silicon Laboratories SI4720-B20 Datasheet HTML 5Page - Silicon Laboratories SI4720-B20 Datasheet HTML 6Page - Silicon Laboratories SI4720-B20 Datasheet HTML 7Page - Silicon Laboratories SI4720-B20 Datasheet HTML 8Page - Silicon Laboratories SI4720-B20 Datasheet HTML 9Page - Silicon Laboratories SI4720-B20 Datasheet HTML 10Page - Silicon Laboratories SI4720-B20 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Si4720/21-B20
Rev. 1.0
7
Figure 1. Reset Timing Parameters for Busmode Select
Table 4. Reset Timing Characteristics1,2,3
(VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Min
Typ
Max
Unit
RST Pulse Width and GPO1, GPO2/INT Setup to RST
tSRST
100
µs
GPO1, GPO2/INT Hold from RST
tHRST
30
ns
Important Notes:
1. When selecting 2-wire mode, the user must ensure that a 2-wire start condition (falling edge of SDIO while SCLK is
high) does not occur within 300 ns before the rising edge of RST.
2. When selecting 2-wire mode, the user must ensure that SCLK is high during the rising edge of RST, and stays high until
after the 1st start condition.
3. When selecting 3-wire or SPI modes, the user must ensure that a rising edge of SCLK does not occur within 300 ns
before the rising edge of RST.
4. If GPO1 and GPO2 are actively driven by the user, then minimum tSRST is only 30 ns. If GPO1 or GPO2 is hi-Z, then
minimum tSRST is 100 µs, to provide time for on-chip 1 M devices (active while RST is low) to pull GPO1 high and
GPO2 low.
70%
30%
GPO1
70%
30%
GPO2/
INT
70%
30%
tSRST
RST
tHRST


Podobny numer części - SI4720-B20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI4720-B20 SKYWORKS-SI4720-B20 Datasheet
617Kb / 47P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
logo
Silicon Laboratories
Si4720-B20-GM SILABS-Si4720-B20-GM Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
logo
Skyworks Solutions Inc.
SI4720-B20-GM SKYWORKS-SI4720-B20-GM Datasheet
617Kb / 47P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
logo
Silicon Laboratories
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
More results

Podobny opis - SI4720-B20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4720 SILABS-SI4720 Datasheet
198Kb / 2P
   Broadcast FM Radio Transceiver for Portable Applications
logo
Skyworks Solutions Inc.
SI4720-B20 SKYWORKS-SI4720-B20 Datasheet
617Kb / 47P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4702 SILABS-SI4702 Datasheet
184Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon image
SI4703-C19-GM SILICONIMAGE-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon Laboratories
SI4703-C19-GM SILABS-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com