Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4720-B20 Arkusz danych(PDF) 8 Page - Silicon Laboratories

Numer części SI4720-B20
Szczegółowy opis  BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4720-B20 Arkusz danych(HTML) 8 Page - Silicon Laboratories

Back Button SI4720-B20 Datasheet HTML 4Page - Silicon Laboratories SI4720-B20 Datasheet HTML 5Page - Silicon Laboratories SI4720-B20 Datasheet HTML 6Page - Silicon Laboratories SI4720-B20 Datasheet HTML 7Page - Silicon Laboratories SI4720-B20 Datasheet HTML 8Page - Silicon Laboratories SI4720-B20 Datasheet HTML 9Page - Silicon Laboratories SI4720-B20 Datasheet HTML 10Page - Silicon Laboratories SI4720-B20 Datasheet HTML 11Page - Silicon Laboratories SI4720-B20 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Si4720/21-B20
8
Rev. 1.0
Table 5. 2-Wire Control Interface Characteristics1,2,3
(VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Frequency
fSCL
0—
400
kHz
SCLK Low Time
tLOW
1.3
µs
SCLK High Time
tHIGH
0.6
µs
SCLK Input to SDIO
Setup
(START)
tSU:STA
0.6
µs
SCLK Input to SDIO
Hold (START) t
HD:STA
0.6
µs
SDIO Input to SCLK
Setup
tSU:DAT
100
ns
SDIO Input to SCLK
Hold4,5
tHD:DAT
0—
900
ns
SCLK input to SDIO
Setup (STOP) t
SU:STO
0.6
µs
STOP to START Time
tBUF
1.3
µs
SDIO Output Fall Time
tf:OUT
—250
ns
SDIO Input, SCLK Rise/Fall Time
tf:IN
tr:IN
—300
ns
SCLK, SDIO Capacitive Loading
Cb
——
50
pF
Input Filter Pulse Suppression
tSP
50
ns
Notes:
1. When VIO = 0 V, SCLK and SDIO are low-impedance. 2-wire control interface is I
2C compatible.
2. When selecting 2-wire mode, the user must ensure that a 2-wire start condition (falling edge of SDIO while SCLK is
high) does not occur within 300 ns before the rising edge of RST.
3. When selecting 2-wire mode, the user must ensure that SCLK is high during the rising edge of RST, and stays high
until after the first start condition.
4. The Si4720/21 delays SDIO by a minimum of 300 ns from the VIH threshold of SCLK to comply with the minimum
tHD:DAT specification.
5. The maximum tHD:DAT has only to be met when fSCL = 400 kHz. At frequencies below 400 KHz, tHD:DAT may be
violated as long as all other timing parameters are met.
20
0.1
C
b
1 pF
------------
+
20
0.1
C
b
1 pF
------------
+


Podobny numer części - SI4720-B20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI4720-B20 SKYWORKS-SI4720-B20 Datasheet
617Kb / 47P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
logo
Silicon Laboratories
Si4720-B20-GM SILABS-Si4720-B20-GM Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
logo
Skyworks Solutions Inc.
SI4720-B20-GM SKYWORKS-SI4720-B20-GM Datasheet
617Kb / 47P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
logo
Silicon Laboratories
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
More results

Podobny opis - SI4720-B20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4720 SILABS-SI4720 Datasheet
198Kb / 2P
   Broadcast FM Radio Transceiver for Portable Applications
logo
Skyworks Solutions Inc.
SI4720-B20 SKYWORKS-SI4720-B20 Datasheet
617Kb / 47P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4702 SILABS-SI4702 Datasheet
184Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon image
SI4703-C19-GM SILICONIMAGE-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon Laboratories
SI4703-C19-GM SILABS-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com