Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4731-DEMO Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SI4731-DEMO
Szczegółowy opis  Si4731 DEMO BOARD USERS GUIDE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4731-DEMO Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SI4731-DEMO Datasheet HTML 1Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 2Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 3Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 4Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 5Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev. 0.1 5/08
Copyright © 2016 by Silicon Laboratories
Si4731-DEMO
Si4731-DEMO
Si4731 D EMO B OARD U SER S G UIDE
1.
Features
Worldwide FM band support, 76–108 MHz
Worldwide AM band support, 520–1710 kHz
Auto seek/auto scan
48 FM and 48 AM station presets
FM Radio Data Services (RDS) decoding (Pi Pty Ps RT CT AF displays)
Automatic set time/date function via RDS
Automatic Alternative Frequency (AF) switching
Automatic AM channel spacing detection
Single battery operation down to 0.9 V or three battery operation
Adjustable parameters include

Tuning spacing

Seek SNR/RSSI thresholds

Soft mute SNR/RSSI thresholds

Channel filters

Stereo and mono blend thresholds

Band limits

De-emphasis (50 or 75 µs)

AM channel spacing detection threshold
Stereo/mono indicator
Volume control with mute function
AM/FM band and signal quality indicator display
Battery voltage indicator
Calendar display
3x4 matrix keypad interface
Direct input of station frequencies
2. Overview
The Silicon Laboratories Si4731-DEMO board provides a complete portable AM/FM radio design with numerous
enhanced features that demonstrate the capabilities of the Silicon Laboratories AM/FM and MCU product families.
The Si4731-DEMO comes in a 3x3 mm 20-pin QFN package and is layout compatible with the entire Silicon Labs
Si47xx radio family of FM receivers, transmitters, and transceivers.
The host MCU is a Silicon Laboratories
C8051F930 with internal oscillator and built-in DC-DC converter. A 79 x 101 dot matrix LCD provides the flexibility
to display a variety of system information including RDS. The demo board can work with either one AA battery
using the dc-dc converter of the C8051F930 MCU or three AAA batteries.


Podobny numer części - SI4731-DEMO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4731-D50 SILABS-SI4731-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4731-D50 SKYWORKS-SI4731-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
SI4731-D50-GM SKYWORKS-SI4731-D50-GM Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4731-D60 SILABS-SI4731-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
logo
Skyworks Solutions Inc.
SI4731-D60 SKYWORKS-SI4731-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
More results

Podobny opis - SI4731-DEMO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
SI4844-B-DEMO SILABS-SI4844-B-DEMO Datasheet
1Mb / 18P
   Si4844-B DEMO BOARD USERS GUIDE
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
RD-0085-0401 SILABS-RD-0085-0401 Datasheet
4Mb / 37P
   UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
logo
ON Semiconductor
AGB1N0CS-GEVK ONSEMI-AGB1N0CS-GEVK Datasheet
466Kb / 6P
   Demo 3 Evaluation Board Users Manual
July, 2020 ??Rev. 1
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com