Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4824-A10 Arkusz danych(PDF) 9 Page - Silicon Laboratories

Numer części SI4824-A10
Szczegółowy opis  BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4824-A10 Arkusz danych(HTML) 9 Page - Silicon Laboratories

Back Button SI4824-A10 Datasheet HTML 5Page - Silicon Laboratories SI4824-A10 Datasheet HTML 6Page - Silicon Laboratories SI4824-A10 Datasheet HTML 7Page - Silicon Laboratories SI4824-A10 Datasheet HTML 8Page - Silicon Laboratories SI4824-A10 Datasheet HTML 9Page - Silicon Laboratories SI4824-A10 Datasheet HTML 10Page - Silicon Laboratories SI4824-A10 Datasheet HTML 11Page - Silicon Laboratories SI4824-A10 Datasheet HTML 12Page - Silicon Laboratories SI4824-A10 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Si4820/24-A10
Rev. 1.0
9
2. Typical Application Schematic
Notes:
1.
Place C4 close to VDD2 and DBYP pins.
2.
All grounds connect directly to GND plane on PCB.
3.
Pin 6, pin 7, and pin 23 leave floating.
4.
To ensure proper operation and receiver performance, follow the guidelines in "AN555: Si483x-B/Si4820/24 Antenna,
Schematic, Layout, and Design Guidelines." Silicon Labs will evaluate the schematics and layouts for qualified
customers.
5.
Pin 8 connects to the FM antenna interface and pin 12 connects to the AM antenna interface.
6.
Place Si4820/24 as close as possible to antenna jack and keep the FMI and AMI traces as short as possible.
7.
Recommend keeping the AM ferrite loop antenna at least 5 cm away from the tuner chip.
8.
Keep the AM ferrite loop antenna at least 5 cm away from MCU, audio AMP, and other circuits which have AM
interference.
9.
Place the transformer T1 away from any sources of interference and even away from the I/O signals of the Si4820/24.
5
RFGND
Optional: AM air loop antenna
2.0 TO 3.6V
2.0 TO 3.6V
Optional
FM
AM
BAND
SW
Y1
32.768KHz
C2
22p
C3
22p
U1
C5
0.47u
ANT2
T1
C
0.47u
C4
0.1u
C1
0.1u
R1
100k
VR1
100k
12
3
4
S2
R3
143k
R4
180k
R5
67k
R6
110k
FMI
AOUT
AMI
AMI
VDD
VDD
TUNE1


Podobny numer części - SI4824-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4824-A10 SILABS-SI4824-A10 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Skyworks Solutions Inc.
SI4824-A10 SKYWORKS-SI4824-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4824-A10-CU SKYWORKS-SI4824-A10-CU Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
More results

Podobny opis - SI4824-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10 SILABS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com