Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4825-A10 Arkusz danych(PDF) 10 Page - Silicon Laboratories

Numer części SI4825-A10
Szczegółowy opis  BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4825-A10 Arkusz danych(HTML) 10 Page - Silicon Laboratories

Back Button SI4825-A10 Datasheet HTML 6Page - Silicon Laboratories SI4825-A10 Datasheet HTML 7Page - Silicon Laboratories SI4825-A10 Datasheet HTML 8Page - Silicon Laboratories SI4825-A10 Datasheet HTML 9Page - Silicon Laboratories SI4825-A10 Datasheet HTML 10Page - Silicon Laboratories SI4825-A10 Datasheet HTML 11Page - Silicon Laboratories SI4825-A10 Datasheet HTML 12Page - Silicon Laboratories SI4825-A10 Datasheet HTML 13Page - Silicon Laboratories SI4825-A10 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Si4825-A10
10
Rev. 1.0
3. Bill of Materials
Table 9. Si4825-A Bill of Materials
Component(s)
Value/Description
Supplier
C1
Reset capacitor 0.1 µF, ±20%, Z5U/X7R
Murata
C4
Supply bypass capacitor, 0.1 µF, ±20%, Z5U/X7R
Murata
C5
Coupling capacitor, 0.47 µF, ±20%, Z5U/X7R
Venkel
B1
Ferrite bead 2.5 k/100 MHz
Murata
VR1
Variable resistor (POT), 100 k
, ±10%
Kennon
R1
Reset timing resistor, 100 k
, ±5%
Venkel
R3
Resistor, 133 k
, ±1%,
Venkel
R4
Resistor, 160 k
, ±1%
Venkel
R5
Resistor, 67 k
, ±1%
Venkel
R6
Resistor,140 k
, ±1%
Venkel
U1
Si4825-A AM/FM/SW Analog Tune Analog Display Radio Tuner
Silicon
Laboratories
S1
Band switch
Any, depends
on customer
ANT1
Ferrite stick,180-450 μH
Jiaxin
Optional Components
C2, C3
Crystal load capacitors, 22 pF, ±5%, COG
(Optional: for crystal oscillator option)
Venkel
Y1
32.768 kHz crystal (Optional: for crystal oscillator option)
Epson or equiv-
alent
ANT2
Air loop antenna, 10–20 μHVarious


Podobny numer części - SI4825-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10-CS SKYWORKS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results

Podobny opis - SI4825-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com