Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4825-DEMO Arkusz danych(PDF) 9 Page - Silicon Laboratories

Numer części SI4825-DEMO
Szczegółowy opis  Si4825 DEMO BOARD USERS GUIDE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4825-DEMO Arkusz danych(HTML) 9 Page - Silicon Laboratories

Back Button SI4825-DEMO Datasheet HTML 4Page - Silicon Laboratories SI4825-DEMO Datasheet HTML 5Page - Silicon Laboratories SI4825-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4825-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4825-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4825-DEMO Datasheet HTML 9Page - Silicon Laboratories SI4825-DEMO Datasheet HTML 10Page - Silicon Laboratories SI4825-DEMO Datasheet HTML 11Page - Silicon Laboratories SI4825-DEMO Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Si4825-DEMO
Rev. 0.1
9
30
5
R7 R9 R11 R12 R15
RES,SM,0603,Tolerance ±1%
10k
31
1
R8
RES,SM,0603,Tolerance ±1%
50k
32
4
R10 R28 R33 R35
RES,SM,0603,Tolerance ±1%
20k
33
1
R14
RES,SM,0603,Tolerance ±1%
60k
34
1
L1
RES,SM,0603
0R
35
3
B4 B5 B6
FERRITE BEAD,SM,0603
2.5k/100M
36
1
B1
FERRITE BEAD,SM,0603
NP
37
1
VR1
100k,±10%, Variable resistor(POT)
100k
38
1
VR2
10k,±20%, Variable resistor(POT)
10k
39
1
U1
SI4825, SOIC16
Si4825
40
1
U2
LM4910MA, SO8
LM4910MA
41
1
D1
LED
LED
42
2
D2 D4
DIODE, SM, ESD, SOT23
BAV99
43
1
Q1
TRANSISTOR NPN SOT23
2SC9018
44
1
Y1
CRYSTAL
32.768 kHz
45
1
J1
BNC VERTICAL
BNC For FM/SW testing
46
1
J6
SMA VERTICAL
SMA For AM testing
47
4
J2 J3 J4 J8
Single pole two throw switch
48
1
J5
Earphone jack
49
1
S1
Two pole two throw switch
50
1
S2
Single pole twelve throw switch
51
1
S3 S4
Push button
52
1
ANT1
AW ferrite stick antenna
220 µH
53
1
BAT1
BATTERY BOX, AAA*2 SIZE
54
2
TP1 TP2
CONN,TH,1x2,HDR
CONN,TH,1x2,HDR
Table 2. Si4825-DEMO Board Rev1.1 Bill of Materials (Continued)
Item
Qty
Reference
Description
VALUE


Podobny numer części - SI4825-DEMO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4825-A10 SILABS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10-CS SKYWORKS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results

Podobny opis - SI4825-DEMO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4731-DEMO SILABS-SI4731-DEMO Datasheet
1Mb / 14P
   Si4731 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4844-B-DEMO SILABS-SI4844-B-DEMO Datasheet
1Mb / 18P
   Si4844-B DEMO BOARD USERS GUIDE
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
RD-0085-0401 SILABS-RD-0085-0401 Datasheet
4Mb / 37P
   UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
logo
ON Semiconductor
AGB1N0CS-GEVK ONSEMI-AGB1N0CS-GEVK Datasheet
466Kb / 6P
   Demo 3 Evaluation Board Users Manual
July, 2020 ??Rev. 1
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com