Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4827-DEMO Arkusz danych(PDF) 10 Page - Silicon Laboratories

Numer części SI4827-DEMO
Szczegółowy opis  Si4827 DEMO BOARD USERS GUIDE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4827-DEMO Arkusz danych(HTML) 10 Page - Silicon Laboratories

Back Button SI4827-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4827-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4827-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4827-DEMO Datasheet HTML 9Page - Silicon Laboratories SI4827-DEMO Datasheet HTML 10Page - Silicon Laboratories SI4827-DEMO Datasheet HTML 11Page - Silicon Laboratories SI4827-DEMO Datasheet HTML 12Page - Silicon Laboratories SI4827-DEMO Datasheet HTML 13Page - Silicon Laboratories SI4827-DEMO Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Si4827-DEMO
10
Rev. 0.1
4.2.1. MCU Setting Band Property
The DEMO board enables the band property to be set by the MCU. The band property includes:
Band top
Band bottom
De-emphasis (only for FM)
Channel Space (only for AM)
The setting menu is illustrated in Figure 4.
To set the band properties, follow these steps:
1. Press the SETTING button to enter the setting menu and select the item to be set. The selected item
flashes for 1 second, then automatically switches to its current value.
2. While the value is flashing, press the DOWN/VOL- or UP/VOL+ button to set the desired value within 3
seconds.
3. Repeat step 1 and 2 to finish setting the band properties.
4. When the Band properties are set, the MCU automatically quits setting the menu if there is no operation
within 3 seconds.
5. In FM working mode, press the DE/SPC button to set the De-emphasis 50 µs or 75 µs.
6. In AM working mode, press the DE/SPC button to set the Channel Space 9 kHz or 10 kHz.
Figure 4. Setting Menu
4.2.2. MCU Setting Radio Working Mode
The host MCU can set the radio working mode
The working modes include:
Tone/volume mode, item 3 in setting menu
Tuning preference (only for FM and SW), item 4 in setting menu
To set radio working mode, follow these procedures:
1. Press the SETTING button to enter item 3. The LCD displays the item number st3 for 1 second, then
automatically switches to its mode indication.
2. Press the DOWN/VOL- or UP/VOL+ button to select the desired mode within 3 seconds.
3. Repeat steps 1 and 2 to set the tuning preference by setting the item 4.
4. When the radio working mode is set, the MCU automatically quits setting the menu if there is no operation
within 3 seconds.
6(77,1* 0(18
 %DQG 7RS
 %DQG %RWWRP
 7RQH9RO 02'(
 7XQLQJ SUHIHUHQFH
D SUHIHUHQFH
E SUHIHUHQFH
D %DVV7UHEOH 02'(
E 'LJ9RO 02'(
F 0,; 02'(
G 0,; 02'(


Podobny numer części - SI4827-DEMO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4827-A10 SILABS-SI4827-A10 Datasheet
1Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4827-A10 SKYWORKS-SI4827-A10 Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4827-A10-CS SKYWORKS-SI4827-A10-CS Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results

Podobny opis - SI4827-DEMO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4731-DEMO SILABS-SI4731-DEMO Datasheet
1Mb / 14P
   Si4731 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
SI4844-B-DEMO SILABS-SI4844-B-DEMO Datasheet
1Mb / 18P
   Si4844-B DEMO BOARD USERS GUIDE
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
RD-0085-0401 SILABS-RD-0085-0401 Datasheet
4Mb / 37P
   UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
logo
ON Semiconductor
AGB1N0CS-GEVK ONSEMI-AGB1N0CS-GEVK Datasheet
466Kb / 6P
   Demo 3 Evaluation Board Users Manual
July, 2020 ??Rev. 1
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com