Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI21662-B22 Arkusz danych(PDF) 2 Page - Silicon Laboratories

Numer części SI21662-B22
Szczegółowy opis  Dual DVB-S/S2 Digital TV Demodulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI21662-B22 Arkusz danych(HTML) 2 Page - Silicon Laboratories

  SI21662-B22 Datasheet HTML 1Page - Silicon Laboratories SI21662-B22 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dual Digital Demodulators
Copyright © 2015 by Silicon Laboratories
10.29.2015
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders.
Si21662-B22
Dual DVB-S/S2 Digital TV Demodulator
Selected Electrical Specifications
(TA = –10 to 70 °C).
Parameter
Test Condition
Min
Typ
Max
Unit
General
Input clock reference
4
30
MHz
Supported XTAL frequency
16
30
MHz
Total power consumption for
each demodulator
DVB-S1
240
mW
DVB-S22
465
mW
Thermal resistance (JA)
4 layer PCB
42
°C/W
Power Supplies
VDD_VCORE
1.14
1.20
1.30
V
VDD_VANA
3.00
3.30
3.60
V
VDD_VIO
3.00
3.30
3.60
V
Notes:
1. Test conditions: 30 MBaud, CR=7/8, parallel TS (at QEF: BER = 2. 10–4).
2. Test conditions: 32 MBaud, 3/5 Code Rate, 8PSK, pilots On, parallel TS, C/N at picture failure.
Pin Assignments
Selection Guide
Part #
Description
Si21662-B22-GM/R
Dual Digital TV Demodulator for DVB-S/S2, 8x8 mm QFN-68
Si21662B
(GND_PAD)
QFN-68
8x8mm
66
65
64
63
67
68
3 4 5 6 7 8 9 10 11 12
2
1
13 14
49
50
51
48 47
43
44
45
46
42 41 40 39 38
15 16 17
26
27
28
29
25
20
21
22
23
24
19
18
34
33
30
31
32
35
36
37
TS_CLK_A
TS_CLK_B
TS_DATA[0]_A/TS_SER_A
TS_DATA[0]_B/TS_SER_B
TS_DATA[1]_A
TS_DATA[1]_B
TS_DATA[2]_A
TS_DATA[2]_B
TS_DATA[3]_A
TS_DATA[3]_B
TS_DATA[4]_A
TS_DATA[4]_B
VDD_CORE
VDD_CORE
GND
VDD_VIO
TS_DATA[5]_A
60
59
58
57
61
62
54
53
52
55
56
VDD_CORE
VDD_CORE
GND
SCL_MAST
SDA_MAST
CLK_IN_OUT
NC
NC
NC
NC
S_ADC_QN_B
S_ADC_QP_B
S_ADC_IN_B
S_ADC_IP_B
S_ADC_QN_A
S_ADC_QP_A
S_ADC_IN_A


Podobny numer części - SI21662-B22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI21662-B22 SKYWORKS-SI21662-B22 Datasheet
149Kb / 2P
   Dual DVB-S/S2 Digital TV Demodulator
August 11, 2021
SI21662-B22-GM/R SKYWORKS-SI21662-B22-GM/R Datasheet
149Kb / 2P
   Dual DVB-S/S2 Digital TV Demodulator
August 11, 2021
More results

Podobny opis - SI21662-B22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI21662-B22 SKYWORKS-SI21662-B22 Datasheet
149Kb / 2P
   Dual DVB-S/S2 Digital TV Demodulator
August 11, 2021
logo
Silicon Laboratories
SI21662-D60 SILABS-SI21662-D60 Datasheet
64Kb / 2P
   Dual DVB-S/S2/S2X Digital TV Demodulator
SI2166-D60 SILABS-SI2166-D60 Datasheet
64Kb / 2P
   DVB-S/S2/S2X Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21672-B22 SKYWORKS-SI21672-B22 Datasheet
153Kb / 3P
   Dual DVB-T/C/S/S2 Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI21672-B22 SILABS-SI21672-B22 Datasheet
166Kb / 2P
   Dual DVB-T/C/S/S2 Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
November 17, 2021
logo
Silicon Laboratories
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
logo
Skyworks Solutions Inc.
SI21672-D60 SKYWORKS-SI21672-D60 Datasheet
602Kb / 2P
   Dual DVB-S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI2166-B22 SILABS-SI2166-B22 Datasheet
161Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
SI21672-D60 SILABS-SI21672-D60 Datasheet
167Kb / 2P
   Dual DVB-S2/S2X/T/C/S Digital TV Demodulator
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com