Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BFY180H Arkusz danych(PDF) 1 Page - Infineon Technologies AG

Numer części BFY180H
Szczegółowy opis  HiRel NPN Silicon RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFY180H Arkusz danych(HTML) 1 Page - Infineon Technologies AG

  BFY180H Datasheet HTML 1Page - Infineon Technologies AG BFY180H Datasheet HTML 2Page - Infineon Technologies AG BFY180H Datasheet HTML 3Page - Infineon Technologies AG BFY180H Datasheet HTML 4Page - Infineon Technologies AG BFY180H Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BFY180
Semiconductor Group
1 of 5
Draft B, September 99
HiRel NPN Silicon RF Transistor
HiRel Discrete and Microwave Semiconductor
For low power amplifiers at collector currents from 0,2 mA
to 2,5 mA.
Hermetically sealed microwave package
f
T= 6,5 GHz
F = 2.6 dB at 2 GHz
Space Qualified
ESA/SCC Detail Spec. No.: 5611/006
Type Variant No. 01
ESD: Electrostatic discharge sensitive device,
observe handling precautions!
Type
Marking
Ordering Code
Pin Configuration
Package
BFY180 (ql)
-
see below
C
EBEMicro-X1
(ql) Quality Level:
P: Professional Quality,
Ordering Code:
Q97301013
H: High Rel Quality,
Ordering Code:
on request
S: Space Quality,
Ordering Code:
on request
ES: ESA Space Quality,
Ordering Code:
Q97111419
(see order instructions for ordering example)
12
3
4


Podobny numer części - BFY180H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BFY180 SIEMENS-BFY180 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low power amplifiers at collector currents from 0.2 to 2.5 mA)
More results

Podobny opis - BFY180H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BFY420 INFINEON-BFY420 Datasheet
406Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY193 INFINEON-BFY193_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY182 INFINEON-BFY182 Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 1999
BFY183 INFINEON-BFY183 Datasheet
42Kb / 5P
   HiRel NPN Silicon RF Transistor
Jul. 0101
BFY196 INFINEON-BFY196 Datasheet
437Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY182 INFINEON-BFY182_11 Datasheet
148Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY420 INFINEON-BFY420_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405 Datasheet
434Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY183 INFINEON-BFY183_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com