Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BFY405S Arkusz danych(PDF) 1 Page - Infineon Technologies AG

Numer części BFY405S
Szczegółowy opis  HiRel NPN Silicon RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFY405S Arkusz danych(HTML) 1 Page - Infineon Technologies AG

  BFY405S Datasheet HTML 1Page - Infineon Technologies AG BFY405S Datasheet HTML 2Page - Infineon Technologies AG BFY405S Datasheet HTML 3Page - Infineon Technologies AG BFY405S Datasheet HTML 4Page - Infineon Technologies AG BFY405S Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BFY405
Semiconductor Group
1 of 5
Draft B, September 99
HiRel NPN Silicon RF Transistor
HiRel Discrete and Microwave Semiconductor
For Low Current Applications
For Oscillators up to 12 GHz
Noise Figure F = 1.15 dB at 1.8 GHz
Outstanding Gms = 23dB at 1.8 GHz
Hermetically sealed microwave package
Transition Frequency fT = 20 GHz
SIEGET 25-Line
Infineon Technologies Grounded Emitter Transistor-
25 GHz fT-Line
Space Qualified
ESA/SCC Detail Spec. No.: 5611/008
Type Variant No. 01
ESD: Electrostatic discharge sensitive device,
observe handling precautions!
Type
Marking
Ordering Code
Pin Configuration
1
2
3
4
Package
BFY405 (ql)
-
see below
C
E
B
E
Micro-X
(ql) Quality Level:
P: Professional Quality,
Ordering Code:
Q62702F1661
H: High Rel Quality,
Ordering Code:
on request
S: Space Quality,
Ordering Code:
on request
ES: ESA Space Quality,
Ordering Code:
Q62702F1710
(see order instructions for ordering example)
12
3
4


Podobny numer części - BFY405S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BFY405 INFINEON-BFY405 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
More results

Podobny opis - BFY405S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BFY420 INFINEON-BFY420 Datasheet
406Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY193 INFINEON-BFY193_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY182 INFINEON-BFY182 Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 1999
BFY183 INFINEON-BFY183 Datasheet
42Kb / 5P
   HiRel NPN Silicon RF Transistor
Jul. 0101
BFY196 INFINEON-BFY196 Datasheet
437Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY182 INFINEON-BFY182_11 Datasheet
148Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY420 INFINEON-BFY420_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY183 INFINEON-BFY183_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY180 INFINEON-BFY180 Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com