Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1107 Arkusz danych(PDF) 11 Page - Silicon Laboratories

Numer części TS1107
Szczegółowy opis  Power Management Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1107 Arkusz danych(HTML) 11 Page - Silicon Laboratories

Back Button TS1107 Datasheet HTML 7Page - Silicon Laboratories TS1107 Datasheet HTML 8Page - Silicon Laboratories TS1107 Datasheet HTML 9Page - Silicon Laboratories TS1107 Datasheet HTML 10Page - Silicon Laboratories TS1107 Datasheet HTML 11Page - Silicon Laboratories TS1107 Datasheet HTML 12Page - Silicon Laboratories TS1107 Datasheet HTML 13Page - Silicon Laboratories TS1107 Datasheet HTML 14Page - Silicon Laboratories TS1107 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Table 3.5. Absolute Maximum Limits
Parameter
Symbol
Conditions
Min
Typ
Max
Units
RS+ Voltage
VRS+
–0.3
27
V
RS– Voltage
VRS–
–0.3
27
V
FET Voltage (TS1110 Only)
VFET
–0.3
27
V
Supply Voltage
VDD
–0.3
6
V
OUT Voltage
VOUT
–0.3
6
V
SIGN Voltage
VSIGN
–0.3
6
V
FILT Voltage
VFILT
–0.3
6
V
CLATCH Voltage
VCLATCH
–0.3
6
V
COUT Voltage
VCOUT
–0.3
6
V
VREF Voltage
VVREF
–0.3
6
V
CIN+ Voltage
VCIN+
–0.3
VDD + 0.3
V
CIN– Voltage
VCIN–
–0.3
VDD + 0.3
V
VBIAS Voltage
VVBIAS
–0.3
VDD + 0.3
V
RS+ to RS– Voltage
VRS+ – VRS–
27
V
Short Circuit Duration: OUT to GND
Continuous
Continuous Input Current (Any Pin)
–20
20
mA
Junction Temperature
150
°C
Storage Temperature Range
–65
150
°C
Lead Temperature (Soldering, 10 s)
300
°C
Soldering Temperature (Reflow)
260
°C
ESD Tolerance
Human Body Model
2000
V
Machine Model
200
V
TS1107/10 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 10


Podobny numer części - TS1107

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Podobny opis - TS1107

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS1105 SILABS-TS1105 Datasheet
1Mb / 19P
   Power Management Systems
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
   Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
STMicroelectronics
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
   Power management for automotive vision and radar systems
Rev 2 - February 2023
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
logo
Skyworks Solutions Inc.
SKY87020-11 SKYWORKS-SKY87020-11 Datasheet
181Kb / 2P
   Power Management IC for SkyOne Ultra 2.0 Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com