Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3001 Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części TS3001
Szczegółowy opis  Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3001 Arkusz danych(HTML) 1 Page - Silicon Laboratories

  TS3001 Datasheet HTML 1Page - Silicon Laboratories TS3001 Datasheet HTML 2Page - Silicon Laboratories TS3001 Datasheet HTML 3Page - Silicon Laboratories TS3001 Datasheet HTML 4Page - Silicon Laboratories TS3001 Datasheet HTML 5Page - Silicon Laboratories TS3001 Datasheet HTML 6Page - Silicon Laboratories TS3001 Datasheet HTML 7Page - Silicon Laboratories TS3001 Datasheet HTML 8Page - Silicon Laboratories TS3001 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS3001
Page 1
© 2014 Silicon Laboratories, Inc. All rights reserved.
FEATURES
 Ultra Low Supply Current: 1µA at 25kHz
 Supply Voltage Operation: 0.9V to 1.8V
 Programmable Frequency Range:
o
5.2kHz
≤ FOUT ≤ 90kHz
 FOUT Period Drift: 0.021%/°C
 PWMOUT Duty Cycle Range: 12% to 90%
 Single Resistor Sets Output Frequency
 Output Driver Resistance: 160
APPLICATIONS
Portable and Battery-Powered Equipment
Low-Parts-Count Nanopower Oscillator
Compact Nanopower Replacement for Crystal and
Ceramic Oscillators
Nanopower Pulse-width Modulation Control
Nanopower Pulse-position Modulation Control
Nanopower Clock Generation
Nanopower Sequential Timing
DESCRIPTION
The TS3001 is a single-supply CMOS oscillator fully
specified to operate at 1V while consuming a 1µA
supply current at an output frequency of 25kHz. This
oscillator is compact, easy-to-use, and versatile.
Optimized
for
ultra-long
life,
battery-powered
applications, the TS3001 joins the TS3002 CMOS
oscillator
in
the
“NanoWatt
Analog™”
high-
performance analog integrated circuits portfolio. The
TS3001 can operate from single-supply voltages from
0.9V to 1.8V.
Requiring only a resistor to set the output frequency,
the TS3001 represents a 66% reduction in pcb area
and a factor-of-10 reduction in power consumption
over other CMOS-based integrated circuit oscillators.
When compared against industry-standard 555-timer-
based products, the TS3001 offers up to 93%
reduction in pcb area and four orders of magnitude
lower power consumption.
The TS3001 is fully specified over the -40°C to +85°C
temperature range and is available in a low-profile, 8-
pin 2x2mm TDFN package with an exposed back-
side paddle.
A 1V/1µA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
TYPICAL APPLICATION CIRCUIT
Table 1: FOUT vs RSET
RSET (M
Ω) FOUT (kHz)
1
110
2.49
44
4.32
25.5
6.81
16
9.76
11


Podobny numer części - TS3001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS3001 TOUCHSTONE-TS3001 Datasheet
746Kb / 10P
   A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
List of Unclassifed Man...
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011-M000 SEMTECH-TS30011-M000 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Podobny opis - TS3001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS3001 TOUCHSTONE-TS3001 Datasheet
746Kb / 10P
   A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Silicon Laboratories
TS3002 SILABS-TS3002 Datasheet
1Mb / 13P
   Easy-to-Use Silicon Oscillator/Timer
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
GPES240B2 GENERALPLUS-GPES240B2 Datasheet
390Kb / 14P
   Easy-to-use SOUNDPLUS
GPES207B1 GENERALPLUS-GPES207B1 Datasheet
280Kb / 13P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com