Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS9002IM8T Arkusz danych(PDF) 10 Page - Silicon Laboratories

Numer części TS9002IM8T
Szczegółowy opis  Low-Power Single/Dual-Supply Dual Comparator with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS9002IM8T Arkusz danych(HTML) 10 Page - Silicon Laboratories

Back Button TS9002IM8T Datasheet HTML 4Page - Silicon Laboratories TS9002IM8T Datasheet HTML 5Page - Silicon Laboratories TS9002IM8T Datasheet HTML 6Page - Silicon Laboratories TS9002IM8T Datasheet HTML 7Page - Silicon Laboratories TS9002IM8T Datasheet HTML 8Page - Silicon Laboratories TS9002IM8T Datasheet HTML 9Page - Silicon Laboratories TS9002IM8T Datasheet HTML 10Page - Silicon Laboratories TS9002IM8T Datasheet HTML 11Page - Silicon Laboratories TS9002IM8T Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TS9002
Page 10
TS9002 Rev. 1.0
In this example, a 61.9k
Ω, 1% standard
value resistor is selected for R2.
5.
Calculating R3.
R3 = (R2 + R3) - R2
= 1.068M
Ω – 61.9kΩ
= 1.006M
In this example, a 1M
Ω, 1% standard value
resistor is selected for R3.
6.
Using the equations below, verify all resistor
values selected:
VOTH = (VREF + VHYS) x
R1 + R2 + R3
R1
= 5.474V
VOTH = (VREF - VHYS) x
R1 + R2 + R3
(R1+R2)
= 4.484V
Where the hysteresis voltage is given by:
VHYS = VREF x
R5
R4


Podobny numer części - TS9002IM8T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS9002IM8T TOUCHSTONE-TS9002IM8T Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
TS9002IM8TP TOUCHSTONE-TS9002IM8TP Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
More results

Podobny opis - TS9002IM8T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_07 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com