Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS42B49 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS42B49
Szczegółowy opis  250-MSPS Ultralow-Power ADC
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42B49 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS42B49 Datasheet HTML 1Page - Texas Instruments ADS42B49 Datasheet HTML 2Page - Texas Instruments ADS42B49 Datasheet HTML 3Page - Texas Instruments ADS42B49 Datasheet HTML 4Page - Texas Instruments ADS42B49 Datasheet HTML 5Page - Texas Instruments ADS42B49 Datasheet HTML 6Page - Texas Instruments ADS42B49 Datasheet HTML 7Page - Texas Instruments ADS42B49 Datasheet HTML 8Page - Texas Instruments ADS42B49 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
48
47
46
45
42
43
42
41
40
39
38
37
36
35
34
33
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
DRVDD
DA6P
DA6M
DA4P
DA4M
DA2P
DA2M
DA0P
DA0M
DRGND
DRVDD
CTRL3
CTRL2
CTRL1
AVDD_BUF
AVDD
DRVDD
DB4M
DB4P
DB6M
DB6P
DB8M
DB8P
DB10M
DB10P
DB12M
DB12P
RESET
SCLK
SDATA
SEN
AVDD
Thermal Pad
(Connected to DRGND)
ADS42B49
www.ti.com
SBAS558C – DECEMBER 2012 – REVISED DECEMBER 2015
7 Pin Configuration and Functions
RGC Package(1)
64-Pin VQFN With Exposed Thermal Pad
LVDS Mode - Top View
(1)
The thermal pad is connected to DRGND.
Pin Functions - LVDS Mode
PIN
I/O
DESCRIPTION
NAME
NO.
17, 18, 21, 24, 27, 28,
AGND
Input
Analog ground
31, 32
AVDD
16, 22, 33
Input
Analog power supply
AVDD_BUF
34
Input
Analog buffer supply
CLKM
26
Input
Differential clock negative input
CLKP
25
Input
Differential clock positive input
CLKOUTM
56
Output
Differential output clock, complement
CLKOUTP
57
Output
Differential output clock, true
Digital control input pins.
CTRL1
35
Input
Together, these pins control the various power-down modes.
Digital control input pins.
CTRL2
36
Input
Together, these pins control the various power-down modes.
Digital control input pins.
CTRL3
37
Input
Together, these pins control the various power-down modes.
DA0P, DA0M
41, 40
Output
Channel A differential output data pair, D0 and D1 multiplexed
DA2P, DA2M
43, 42
Output
Channel A differential output data D2 and D3 multiplexed
DA4P, DA4M
45, 44
Output
Channel A differential output data D4 and D5 multiplexed
DA6P, DA6M
47, 46
Output
Channel A differential output data D6 and D7 multiplexed
DA8P, DA8M
51, 50
Output
Channel A differential output data D8 and D9 multiplexed
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS42B49


Podobny numer części - ADS42B49

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS42B49 TI-ADS42B49 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS42B49IRGC25 TI-ADS42B49IRGC25 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS42B49IRGCR TI-ADS42B49IRGCR Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS42B49IRGCT TI-ADS42B49IRGCT Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
More results

Podobny opis - ADS42B49

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS42B49 TI-ADS42B49 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com