Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS131E08S Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS131E08S
Szczegółowy opis  Eight-Channel, 24-Bit, Analog Front-End with Fast Power-Up Time
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS131E08S Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS131E08S Datasheet HTML 1Page - Texas Instruments ADS131E08S Datasheet HTML 2Page - Texas Instruments ADS131E08S Datasheet HTML 3Page - Texas Instruments ADS131E08S Datasheet HTML 4Page - Texas Instruments ADS131E08S Datasheet HTML 5Page - Texas Instruments ADS131E08S Datasheet HTML 6Page - Texas Instruments ADS131E08S Datasheet HTML 7Page - Texas Instruments ADS131E08S Datasheet HTML 8Page - Texas Instruments ADS131E08S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
5
ADS131E08S
www.ti.com
SBAS705A – JUNE 2015 – REVISED JANUARY 2016
Product Folder Links: ADS131E08S
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
FUNCTION
DESCRIPTION
NAME
NO.
START
38
Digital input
Start conversion
TESTN(1)
18
Analog input/output
Test signal, negative pin; connect to DGND with a 10-k
Ω resistor if unused
TESTP(1)
17
Analog input/output
Test signal, positive pin; connect to DGND with a 10-k
Ω resistor if unused
VCAP1
28
Analog output
Analog bypass capacitor; connect a 470-pF capacitor to AVSS
VCAP2
30
Analog output
Analog bypass capacitor; connect a 270-nF capacitor to AVSS
VCAP3
55
Analog output
Analog bypass capacitor; connect a 270-nF capacitor to AVSS
VCAP4
26
Analog output
Analog bypass capacitor; connect a 270-nF capacitor to AVSS
VREFN
25
Analog input
Negative reference voltage; connect to AVSS
VREFP
24
Analog output
Positive reference voltage output; connect a 330-nF capacitor to VREFN
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that can swing beyond the supply rails must be current limited to 10
mA or less.
7 Specifications
7.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD to AVSS
–0.3
5.5
V
DVDD to DGND
–0.3
3.9
V
AVSS to DGND
–3.0
0.2
V
Analog input voltage
AVSS – 0.3
AVDD + 0.3
V
Digital input voltage
DGND – 0.3
DVDD + 0.3
V
Digital output voltage
DGND – 0.3
DVDD + 0.3
V
Continuous input current to any pin except supply pins(2)
–10
10
mA
Junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–60
150
°C
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500


Podobny numer części - ADS131E08S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS131E08 TI1-ADS131E08 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08 TI1-ADS131E08 Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08 TI1-ADS131E08 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAG TI1-ADS131E08IPAG Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAG TI1-ADS131E08IPAG Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
More results

Podobny opis - ADS131E08S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MCP3914 MICROCHIP-MCP3914 Datasheet
2Mb / 80P
   3V Eight-Channel Analog Front End
11/29/12
logo
Texas Instruments
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com