Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1018 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADS1018
Szczegółowy opis  Analog-to-Digital Converter Internal Reference and Temperature Sensor
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1018 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS1018_15 Datasheet HTML 2Page - Texas Instruments ADS1018_15 Datasheet HTML 3Page - Texas Instruments ADS1018_15 Datasheet HTML 4Page - Texas Instruments ADS1018_15 Datasheet HTML 5Page - Texas Instruments ADS1018_15 Datasheet HTML 6Page - Texas Instruments ADS1018_15 Datasheet HTML 7Page - Texas Instruments ADS1018_15 Datasheet HTML 8Page - Texas Instruments ADS1018_15 Datasheet HTML 9Page - Texas Instruments ADS1018_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ADS1018
SBAS526C – NOVEMBER 2012 – REVISED NOVEMBER 2015
www.ti.com
7.5 Electrical Characteristics
Maximum and minimum specifications apply from TA = –40°C to +125°C. Typical specifications are at TA = 25°C.
All specifications are at VDD = 3.3 V and FSR = ±2.048 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
FSR = ±6.144 V(1)
8
FSR = ±4.096 V(1), FSR = ±2.048 V
6
Common-mode input impedance
M
FSR = ±1.024 V
3
FSR = ±0.512 V, FSR = ±0.256 V
100
FSR = ±6.144 V(1)
22
FSR = ±4.096 V(1)
15
M
Differential input impedance
FSR = ±2.048 V
4.9
FSR = ±1.024 V
2.4
FSR = ±0.512 V, FSR = ±0.256 V
710
k
SYSTEM PERFORMANCE
Resolution (no missing codes)
12
Bits
DR
Data rate
128, 250, 490, 920, 1600, 2400, 3300
SPS
Data rate variation
All data rates
–10%
10%
INL
Integral nonlinearity
DR = 128 SPS, FSR = ±2.048 V(2)
0.5
LSB
FSR = ±2.048 V, differential inputs
0
±0.5
Offset error
LSB
FSR = ±2.048 V, single-ended inputs
±0.25
Offset drift
FSR = ±2.048 V
0.002
LSB/°C
Offset channel match
Match between any two inputs
0.25
LSB
Gain error(3)
FSR = ±2.048 V, TA = 25°C
0.05%
0.25%
FSR = ±0.256 V
7
Gain drift(3)(4)
FSR = ±2.048 V
5
40
ppm/°C
FSR = ±6.144 V(1)
5
Gain match(3)
Match between any two gains
0.02%
0.1%
Gain channel match
Match between any two inputs
0.05%
0.1%
TEMPERATURE SENSOR
Temperature range
–40
125
°C
Temperature resolution
0.125
°C/LSB
TA = 0°C to 70°C
0.25
±1
°C
Accuracy
TA = –40°C to +125°C
0.5
±2
versus supply
0.125
±1
°C/V
(1)
This parameter expresses the full-scale range of the ADC scaling. No more than VDD + 0.3 V or 5.5 V (whichever is smaller) must be
applied to this device.
(2)
Best-fit INL; covers 99% of full-scale.
(3)
Includes all errors from onboard PGA and voltage reference.
(4)
Maximum value specified by characterization.
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: ADS1018


Podobny numer części - ADS1018_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results

Podobny opis - ADS1018_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com