Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1118-Q1 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1118-Q1
Szczegółowy opis  Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1118-Q1 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS1118-Q1 Datasheet HTML 3Page - Texas Instruments ADS1118-Q1 Datasheet HTML 4Page - Texas Instruments ADS1118-Q1 Datasheet HTML 5Page - Texas Instruments ADS1118-Q1 Datasheet HTML 6Page - Texas Instruments ADS1118-Q1 Datasheet HTML 7Page - Texas Instruments ADS1118-Q1 Datasheet HTML 8Page - Texas Instruments ADS1118-Q1 Datasheet HTML 9Page - Texas Instruments ADS1118-Q1 Datasheet HTML 10Page - Texas Instruments ADS1118-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
SCLK
CS
DIN
DOUT
t
SCLK
t
CSSC
t
SPWH
t
DIHD
t
SPWL
t
CSDOZ
t
DOHD
t
DOPD
t
SCCS
t
SCSC
t
CSH
t
CSDOD
t
DIST
Hi-Z
Hi-Z
ADS1118-Q1
www.ti.com
SBAS740A – OCTOBER 2015 – REVISED NOVEMBER 2015
7.6 Timing Requirements: Serial Interface
over operating ambient temperature range and VDD = 2 V to 5.5 V (unless otherwise noted)
MIN
MAX
UNIT
tCSSC
Delay time, CS falling edge to first SCLK rising edge(1)
100
ns
tSCCS
Delay time, final SCLK falling edge to CS rising edge
100
ns
tCSH
Pulse duration, CS high
200
ns
tSCLK
SCLK period
250
ns
tSPWH
Pulse duration, SCLK high
100
ns
100
ns
tSPWL
Pulse duration, SCLK low(2)
28
ms
tDIST
Setup time, DIN valid before SCLK falling edge
50
ns
tDIHD
Hold time, DIN valid after SCLK falling edge
50
ns
tDOHD
Hold time, SCLK rising edge to DOUT invalid
0
ns
(1)
CS can be tied low permanently in case the serial bus is not shared with any other device.
(2)
Holding SCLK low longer than 28 ms resets the SPI interface.
7.7 Switching Characteristics: Serial Interface
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay time,
tCSDOD
DOUT load = 20 pF || 100 k
Ω to GND
100
ns
CS falling edge to DOUT driven
Propagation delay time,
tDOPD
DOUT load = 20 pF || 100 k
Ω to GND
0
50
ns
SCLK rising edge to valid new DOUT
Propagation delay time,
tCSDOZ
DOUT load = 20 pF || 100 k
Ω to GND
100
ns
CS rising edge to DOUT high impedance
Figure 1. Serial Interface Timing
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS1118-Q1


Podobny numer części - ADS1118-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1118-Q1 TI-ADS1118-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1118-Q1 TI1-ADS1118-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
More results

Podobny opis - ADS1118-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com