Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS4128IRGZ25 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części ADS4128IRGZ25
Szczegółowy opis  12-Bit, 200-MSPS, Ultralow-Power ADC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4128IRGZ25 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS4128IRGZ25 Datasheet HTML 7Page - Texas Instruments ADS4128IRGZ25 Datasheet HTML 8Page - Texas Instruments ADS4128IRGZ25 Datasheet HTML 9Page - Texas Instruments ADS4128IRGZ25 Datasheet HTML 10Page - Texas Instruments ADS4128IRGZ25 Datasheet HTML 11Page - Texas Instruments ADS4128IRGZ25 Datasheet HTML 12Page - Texas Instruments ADS4128IRGZ25 Datasheet HTML 13Page - Texas Instruments ADS4128IRGZ25 Datasheet HTML 14Page - Texas Instruments ADS4128IRGZ25 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
ADS4128
www.ti.com
SBAS578A – MAY 2012 – REVISED JANUARY 2016
7.7 Digital Characteristics
Typical values are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, and 50% clock duty cycle, unless otherwise noted.
Minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V, and
DRVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (RESET, SCLK, SDATA, SEN, OE)
RESET, SCLK, SDATA, and SEN support
1.3
1.8-V and 3.3-V CMOS logic levels
VIH
High-level input voltage
V
OE only supports 1.8-V CMOS logic levels
1.3
RESET, SCLK, SDATA, and SEN support
0.4
1.8-V and 3.3-V CMOS logic levels
VIL
Low-level input voltage
V
OE only supports 1.8-V CMOS logic levels
0.4
High-level input current, SDATA
VHIGH = 1.8 V
10
and SCLK(1)
IIH
µA
High-level input current, SEN
VHIGH = 1.8 V
0
Low-level input, SDATA and SCLK VLOW = 0 V
0
IIL
µA
Low-level input, SEN
VLOW = 0 V
10
DIGITAL OUTPUTS (CMOS INTERFACE: D0 to D11, OVR_SDOUT)
VOH
High-level output voltage
DRVDD – 0.1
DRVDD
V
VOL
Low-level output voltage
0
0.1
V
DIGITAL OUTPUTS (LVDS INTERFACE: DA0P and DA0M to DA11P and DA11M, DB0P and DB0M to DB11P and DB11M, CLKOUTP and CLKOUTM)
Standard-swing LVDS
270
350
430
VODH
High-level output voltage(2)
mV
Low-swing LVDS
200
Standard-swing LVDS
–430
–350
–270
VODL
Low-level output voltage(2)
mV
Low-swing LVDS
–200
VOCM
Output common-mode voltage
0.85
1.05
1.25
V
(1)
SDATA and SCLK have an internal 180-k
Ω pull-down resistor.
(2)
With an external 100-
Ω termination.
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS4128


Podobny numer części - ADS4128IRGZ25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4128IRGZ25 TI-ADS4128IRGZ25 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128IRGZ25 TI1-ADS4128IRGZ25 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
More results

Podobny opis - ADS4128IRGZ25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
Texas Instruments
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com