Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS4249IRGCR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS4249IRGCR
Szczegółowy opis  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4249IRGCR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS4249IRGCR Datasheet HTML 2Page - Texas Instruments ADS4249IRGCR Datasheet HTML 3Page - Texas Instruments ADS4249IRGCR Datasheet HTML 4Page - Texas Instruments ADS4249IRGCR Datasheet HTML 5Page - Texas Instruments ADS4249IRGCR Datasheet HTML 6Page - Texas Instruments ADS4249IRGCR Datasheet HTML 7Page - Texas Instruments ADS4249IRGCR Datasheet HTML 8Page - Texas Instruments ADS4249IRGCR Datasheet HTML 9Page - Texas Instruments ADS4249IRGCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
ADS4249
SBAS534E – JULY 2011 – REVISED JANUARY 2016
www.ti.com
Pin Functions (LVDS Mode) (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
CLKM
26
I
Differential clock negative input
CLKP
25
I
Differential clock positive input
CLKOUTP
57
O
Differential output clock, true
CLKOUTM
56
O
Differential output clock, complement
CTRL1
35
Digital control input pins. Together, these pins control the various power-down
CTRL2
36
I
modes.
CTRL3
37
DA0M
40
O
Channel A differential output data pair, D0 and D1 multiplexed
DA0P
41
DA2M
42
O
Channel A differential output data D2 and D3 multiplexed
DA2P
43
DA4M
44
O
Channel A differential output data D4 and D5 multiplexed
DA4P
45
DA6M
46
O
Channel A differential output data D6 and D7 multiplexed
DA6P
47
DA8M
50
O
Channel A differential output data D8 and D9 multiplexed
DA8P
51
DA10M
52
O
Channel A differential output data D10 and D11 multiplexed
DA10P
53
DA12M
54
O
Channel A differential output data D12 and D13 multiplexed
DA12P
55
DB0M
60
O
Channel B differential output data pair, D0 and D1 multiplexed
DB0P
61
DB2M
62
O
Channel B differential output data D2 and D3 multiplexed
DB2P
63
DB4M
2
O
Channel B differential output data D4 and D5 multiplexed
DB4P
3
DB6M
4
O
Channel B differential output data D6 and D7 multiplexed
DB6P
5
DB8M
6
O
Channel B differential output data D8 and D9 multiplexed
DB8P
7
DB10M
8
O
Channel B differential output data D10 and D11 multiplexed
DB10P
9
DB12M
10
O
Channel B differential output data D12 and D13 multiplexed
DB12P
11
49
DRGND
I
Output buffer ground
PAD
1
DRVDD
I
Output buffer supply
48
INM_A
30
I
Differential analog negative input, channel A
INP_A
29
I
Differential analog positive input, channel A
INM_B
20
I
Differential analog negative input, channel B
INP_B
19
I
Differential analog positive input, channel B
6
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: ADS4249


Podobny numer części - ADS4249IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4249IRGCR TI1-ADS4249IRGCR Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
More results

Podobny opis - ADS4249IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS42B49 TI-ADS42B49 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com