Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS4145IRGZR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS4145IRGZR
Szczegółowy opis  Ultra Low-Power ADC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4145IRGZR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS4145IRGZR Datasheet HTML 2Page - Texas Instruments ADS4145IRGZR Datasheet HTML 3Page - Texas Instruments ADS4145IRGZR Datasheet HTML 4Page - Texas Instruments ADS4145IRGZR Datasheet HTML 5Page - Texas Instruments ADS4145IRGZR Datasheet HTML 6Page - Texas Instruments ADS4145IRGZR Datasheet HTML 7Page - Texas Instruments ADS4145IRGZR Datasheet HTML 8Page - Texas Instruments ADS4145IRGZR Datasheet HTML 9Page - Texas Instruments ADS4145IRGZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
6
ADS4122, ADS4125, ADS4142, ADS4145
SBAS520B – FEBRUARY 2011 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: ADS4122 ADS4125 ADS4142 ADS4145
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Pin Functions - CMOS Mode (continued)
PIN
I/O
DESCRIPTION
NAME
ADS412x
ADS414x
D3
40
38
O
12-bit/14-bit CMOS output data
D4
41
39
O
12-bit/14-bit CMOS output data
D5
42
40
O
12-bit/14-bit CMOS output data
D6
43
41
O
12-bit/14-bit CMOS output data
D7
44
42
O
12-bit/14-bit CMOS output data
D8
45
43
O
12-bit/14-bit CMOS output data
D9
46
44
O
12-bit/14-bit CMOS output data
D10
47
45
O
12-bit/14-bit CMOS output data
D11
48
46
O
12-bit/14-bit CMOS output data
D12
47
O
12-bit/14-bit CMOS output data
D13
48
O
12-bit/14-bit CMOS output data
DFS
6
6
I
Data format select input. This pin sets the DATA FORMAT (twos complement or offset binary)
and the LVDS/CMOS output interface type. See Table 4 for detailed information.
DRGND
1, 36, PAD
1, 36, PAD
I
Digital and output buffer ground
DRVDD
2, 35
2, 35
I
1.8-V digital and output buffer supply
INM
16
16
I
Differential analog input, negative
INP
15
15
I
Differential analog input, positive
NC
21, 31, 32, 33, 34
21, 31, 32
Do not connect
OE
7
7
I
Output buffer enable input, active high; this pin has an internal 180-k
Ω pull-up resistor to DRVDD.
OVR_SDOUT
3
3
O
This pin functions as an out-of-range indicator after reset, when register bit
READOUT = 0, and functions as a serial register readout pin when READOUT = 1.
RESERVED
23
23
I
Digital control pin, reserved for future use
RESET
30
30
I
Serial interface RESET input.
When using the serial interface mode, the internal registers must initialize through hardware
RESET by applying a high pulse on this pin or by using the software reset option; refer to the
Serial Interface section.
When RESET is tied high, the internal registers are reset to the default values. In this condition,
SEN can be used as an analog control pin.
RESET has an internal 180-k
Ω pull-down resistor.
SCLK
29
29
I
This pin functions as a serial interface clock input when RESET is low. When RESET is high,
SCLK has no function and should be tied to ground. This pin has an internal 180-k
Ω pull-down
resistor.
SDATA
28
28
I
This pin functions as a serial interface data input when RESET is low. When RESET is high,
SDATA functions as a STANDBY control pin (see Table 6). This pin has an internal 180-k
Ω pull-
down resistor.
SEN
27
27
I
This pin functions as a serial interface enable input when RESET is low. When RESET is high,
SEN has no function and should be tied to AVDD. This pin has an internal 180-k
Ω pull-up resistor
to AVDD.
UNUSED
4
4
Unused pin in CMOS mode
VCM
13
13
O
Outputs the common-mode voltage (0.95 V) that can be used externally to bias the analog input
pins.


Podobny numer części - ADS4145IRGZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4145IRGZR TI1-ADS4145IRGZR Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
More results

Podobny opis - ADS4145IRGZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX19191 MAXIM-MAX19191 Datasheet
1Mb / 20P
   Ultra-Low-Power, 10Msps, 8-Bit ADC
Rev 0; 1/10
MAX1193 MAXIM-MAX1193 Datasheet
645Kb / 26P
   Ultra-Low-Power, 45Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX19192 MAXIM-MAX19192 Datasheet
1Mb / 22P
   Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
Rev 0; 1/10
MAX1191 MAXIM-MAX1191 Datasheet
492Kb / 27P
   Ultra-Low-Power, 7.5Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX1192 MAXIM-MAX1192 Datasheet
620Kb / 28P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
Rev 1; 9/03
logo
EM Microelectronic - MA...
EM6617 EMMICRO-EM6617 Datasheet
694Kb / 65P
   Ultra Low Power Microcontroller with ADC AND EEPROM
logo
Maxim Integrated Produc...
MAX1192 MAXIM-MAX1192_V01 Datasheet
419Kb / 27P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
2009
logo
Analog Devices
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
logo
Texas Instruments
ADC3564 TI-ADC3564 Datasheet
4Mb / 72P
[Old version datasheet]   ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com