Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8555 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADS8555
Szczegółowy opis  16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8555 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS8555_16 Datasheet HTML 4Page - Texas Instruments ADS8555_16 Datasheet HTML 5Page - Texas Instruments ADS8555_16 Datasheet HTML 6Page - Texas Instruments ADS8555_16 Datasheet HTML 7Page - Texas Instruments ADS8555_16 Datasheet HTML 8Page - Texas Instruments ADS8555_16 Datasheet HTML 9Page - Texas Instruments ADS8555_16 Datasheet HTML 10Page - Texas Instruments ADS8555_16 Datasheet HTML 11Page - Texas Instruments ADS8555_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
ADS8555
SBAS531D – DECEMBER 2010 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: ADS8555
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
All values are at TA = 25°C.
(2)
Calculated on the first nine harmonics of the input frequency.
6.5 Electrical Characteristics
over recommended operating free-air temperature range of –40°C to 125°C, AVDD = 4.5 V to 5.5 V, BVDD = 2.7 V to 5.5 V,
HVDD = 10 V to 15 V, HVSS = –15 V to –10 V, VREF = 2.5 V (internal), and fDATA = maximum (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DC ACCURACY
Resolution
16
Bits
No missing codes
16
Bits
Integral linearity error
INL
At TA = –40°C to 85°C
–3
±1.5
3
LSB
At TA = –40°C to 125°C
–4
±1.5
4
Differential linearity error
DNL
At TA = –40°C to 85°C
–1
±0.75
1.5
LSB
At TA = –40°C to 125°C
–1
±0.75
2
Offset error
–4
±0.8
4
mV
Offset error drift
±3.5
μV/°C
Gain error
Referenced to voltage at REFIO
–0.75
±0.25
0.75
%FSR
Gain error drift
Referenced to voltage at REFIO
±6
ppm/°C
Power-supply rejection ratio
PSRR
At output code FFFFh, related to AVDD
60
dB
SAMPLING DYNAMICS
Acquisition time
tACQ
280
ns
Conversion time per ADC
tCONV
1.26
μs
Internal conversion clock period
tCCLK
18.5
tCCLK
68
ns
Throughput rate
fDATA
Parallel interface, internal clock and reference
630
kSPS
Serial interface, internal clock and reference
450
AC ACCURACY
Signal-to-noise ratio
SNR
At fIN = 10 kHz, TA = –40°C to 85°C
90
91.5
dB
At fIN = 10 kHz, TA = –40°C to 125°C
89
91.5
Signal-to-noise ratio + distortion
SINAD
At fIN = 10 kHz, TA = –40°C to 85°C
87
89.5
dB
At fIN = 10 kHz, TA = –40°C to 125°C
86.5
89.5
Total harmonic distortion(2)
THD
At fIN = 10 kHz, TA = –40°C to 85°C
–94
–90
dB
At fIN = 10 kHz, TA = –40°C to 125°C
–94
–89.5
Spurious-free dynamic range
SFDR
At fIN = 10 kHz, TA = –40°C to 85°C
90
95
dB
At fIN = 10 kHz, TA = –40°C to 125°C
89.5
95
Channel-to-channel isolation
At fIN = 10 kHz
100
dB
–3-dB small-signal bandwidth
Input range = ±4 × VREF
48
MHz
Input range = ±2 × VREF
24
ANALOG INPUT
Bipolar full-scale range
CHXX
RANGE pin, RANGE bit = 0
–4 × VREF
4 × VREF
V
RANGE pin, RANGE bit = 1
–2 × VREF
2 × VREF
Input capacitance
Input range = ±4 × VREF
10
pF
Input range = ±2 × VREF
20
Input leakage current
No ongoing conversion
±1
μA
Aperture delay
5
ns
Aperture delay matching
Common CONVST for all channels
250
ps
Aperture jitter
50
ps
EXTERNAL CLOCK INPUT (XCLK)
External clock frequency
fXCLK
An external reference must be used for fXCLK > fCCLK
1
18
20
MHz
External clock duty cycle
45%
55%


Podobny numer części - ADS8555_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS8555_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8353-Q1 TI1-ADS8353-Q1 Datasheet
561Kb / 41P
[Old version datasheet]   Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8355 TI1-ADS8355 Datasheet
833Kb / 39P
[Old version datasheet]   Dual, 16-Bit, 1-MSPS, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com