Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS9110 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS9110
Szczegółowy opis  18-Bit, 2-MSPS, 15-mW, SAR ADC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS9110 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS9110 Datasheet HTML 1Page - Texas Instruments ADS9110 Datasheet HTML 2Page - Texas Instruments ADS9110 Datasheet HTML 3Page - Texas Instruments ADS9110 Datasheet HTML 4Page - Texas Instruments ADS9110 Datasheet HTML 5Page - Texas Instruments ADS9110 Datasheet HTML 6Page - Texas Instruments ADS9110 Datasheet HTML 7Page - Texas Instruments ADS9110 Datasheet HTML 8Page - Texas Instruments ADS9110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
ADS9110
www.ti.com
SBAS629A – OCTOBER 2015 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
All specifications are for AVDD = 1.8 V, DVDD = 1.8 V, VREF = 5 V, and fDATA = 2 MSPS, unless otherwise noted.
All minimum and maximum specifications are for TA = –40°C to +85°C. All typical values are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input range
FSR
–VREF
VREF
V
(AINP – AINM)(1)
Absolute input voltage
VIN
–0.1
VREF + 0.1
V
(AINP and AINM to REFGND)
Common-mode voltage range
VCM
(VREF / 2) – 0.1
VREF / 2
(VREF / 2) + 0.1
V
(AINP + AINM) / 2
In sample mode
60
CIN
Input capacitance
pF
In hold mode
4
IIL
Input leakage current
±1
µA
VOLTAGE REFERENCE INPUT
VREF
Reference input voltage range
2.5
5
V
Average current, VREF = 5 V,
IREF
Reference input current
2-kHz, full-scale input,
1.25
mA
throughput = 2 MSPS
DC ACCURACY
Resolution
18
Bits
NMC
No missing codes
18
Bits
In LSBs
–1.5
±0.5(2)
1.5
LSB(3)
INL
Integral nonlinearity
In ppm
–5.7
±2
5.7
ppm
DNL
Differential nonlinearity
–0.75
±0.4(2)
0.75
LSB(3)
E(IO)
Input offset error
–1
±0.05(2)
1
mV
dVOS/dT
Input offset thermal drift
1
μV/°C
GE
Gain error
–0.01
±0.005(2)
0.01
%FS
GE/dT
Gain error thermal drift
0.25
ppm/°C
Transition noise
0.9
LSB(3)
CMRR
Common-mode rejection ratio
At dc to 20 kHz
80
dB
AC ACCURACY(4)
fIN = 2 kHz
98
99.9
SINAD
Signal-to-noise + distortion
fIN = 100 kHz
95.4
dB
fIN = 500 kHz
89
fIN = 2 kHz
98.1
100
SNR
Signal-to-noise ratio
fIN = 100 kHz
95.5
dB
fIN = 500 kHz
89.3
fIN = 2 kHz
–118
THD
Total harmonic distortion(5)
fIN = 100 kHz
–111
dB
fIN = 500 kHz
–101
fIN = 2 kHz
123
SFDR
Spurious-free dynamic range
fIN = 100 kHz
116
dB
fIN = 500 kHz
106
(1)
Ideal input span, does not include gain or offset errors.
(2)
See Figure 9, Figure 10, Figure 25, and Figure 26 for statistical distribution data for INL, DNL, offset, and gain error parameters.
(3)
LSB = least-significant bit. 1 LSB at 18 bits is approximately 3.8 ppm.
(4)
All specifications expressed in decibels (dB) refer to the full-scale input (FSR) and are tested with an input signal 0.1 dB below full-scale,
unless otherwise specified.
(5)
Calculated on the first nine harmonics of the input frequency.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS9110


Podobny numer części - ADS9110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS9110 TI1-ADS9110 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
More results

Podobny opis - ADS9110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7641 AD-AD7641_15 Datasheet
673Kb / 28P
   18-Bit, 2 MSPS SAR ADC
REV. 0
AD7641 AD-AD7641_17 Datasheet
542Kb / 29P
   18-Bit, 2 MSPS SAR ADC
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD4030-24 AD-AD4030-24 Datasheet
2Mb / 48P
   24-Bit, 2 MSPS, SAR ADC
Rev. 0
AD4001 AD-AD4001 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4630-24 AD-AD4630-24 Datasheet
2Mb / 49P
   24-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com