Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8681IPWR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8681IPWR
Szczegółowy opis  Single-Supply, SAR ADC Data Acquisition System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8681IPWR Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS8681IPWR Datasheet HTML 1Page - Texas Instruments ADS8681IPWR Datasheet HTML 2Page - Texas Instruments ADS8681IPWR Datasheet HTML 3Page - Texas Instruments ADS8681IPWR Datasheet HTML 4Page - Texas Instruments ADS8681IPWR Datasheet HTML 5Page - Texas Instruments ADS8681IPWR Datasheet HTML 6Page - Texas Instruments ADS8681IPWR Datasheet HTML 7Page - Texas Instruments ADS8681IPWR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Oscillator
CS
SCLK
SDI
SDO
PGA
1 M:
OVP
1 M:
OVP
2nd-Order
LPF
ADC
Driver
VBIAS
AIN_P
AIN_GND
16-Bit
SAR ADC
4.096-V
Reference
REFGND
DGND
AGND
DVDD
AVDD
ADS8681
Digital
Logic
and
Interface
REFIO
REFCAP
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
ADS8681
SBAS633 – FEBRUARY 2016
ADS8681 16-Bit, 1-MSPS, Single-Supply, SAR ADC Data Acquisition System
with Programmable, Bipolar Input Ranges
1
1 Features
1
16-Bit ADC with Integrated Analog Front-End
Software Programmable Input Ranges:
Bipolar Ranges: ±12.288 V, ±10.24 V,
±6.144 V, ±5.12 V and ±2.56 V
Unipolar Ranges: 0 V–12.288 V, 0 V–10.24 V,
0 V–6.144 V and 0 V–5.12 V
5-V Analog Supply: 1.65-V to 5-V I/O Supply
Constant Resistive Input Impedance
≥ 1 MΩ
Input Overvoltage Protection: Up to ±20 V
On-Chip 4.096-V Reference with Low Drift
Excellent Performance:
1-MSPS Aggregate Throughput
DNL: ±0.5 LSB; INL: ±0.75 LSB
SNR: 90 dB; THD: –102 dB
multiSPI™ Interface with Daisy-Chain
Industrial Temperature Range: –40°C to +125°C
Packages:
16-Pin TSSOP (5.0 mm × 4.4 mm)
16-Pin WQFN-16 package (4.0 mm × 4.0 mm)
2 Applications
Channel-Isolated PLC Analog Input Modules
Test and Measurement
Battery Pack Monitoring
3 Description
The ADS8681 is an integrated data acquisition
system based on a 16-bit successive approximation
(SAR) analog-to-digital converter (ADC), operating at
a throughput of 1 -MSPS. The device features a high-
precision SAR ADC, integrated analog front-end input
driver circuit, overvoltage protection circuit up to
±20 V, and an on-chip 4.096-V reference with
extremely low temperature drift. Operating on a single
5-V analog supply, the ADS8681 can support true
bipolar input ranges of ±12.288 V, ±6.144 V,
±10.24 V, ±5.12 V, and ±2.56 V, as well as unipolar
input ranges of 0 V to 12.288 V, 0 V to 10.24 V, 0 V
to 6.144 V, and 0 V to 5.12 V. The gain and offset
errors for the analog front end circuit are accurately
trimmed within the specified values for each input
range to ensure high dc precision. The input range
selection is done by software programming of the
device internal registers. The device offers a high
resistive input impedance (
≥ 1 MΩ) irrespective of the
selected input range.
The ADS8681 offers an enhanced SPI-compatible
serial interface (multiSPI) to the digital host and also
supports daisy-chaining of multiple devices. The
digital supply can operate from 1.65 V to 5.25 V,
enabling direct interface to a wide range of host
controllers.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADS8681
TSSOP (16)
5.0 mm × 4.4 mm
WQFN (16)
4.0 mm × 4.0 mm
Block Diagram


Podobny numer części - ADS8681IPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8681IPWR TI1-ADS8681IPWR Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
More results

Podobny opis - ADS8681IPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
logo
Linear Technology
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1090CS LINER-LTC1090CS Datasheet
1Mb / 26P
   Single Chip 10-Bit Data Acquisition System?
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com