Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8558IPM Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8558IPM
Szczegółowy opis  12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8558IPM Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS8558IPM Datasheet HTML 1Page - Texas Instruments ADS8558IPM Datasheet HTML 2Page - Texas Instruments ADS8558IPM Datasheet HTML 3Page - Texas Instruments ADS8558IPM Datasheet HTML 4Page - Texas Instruments ADS8558IPM Datasheet HTML 5Page - Texas Instruments ADS8558IPM Datasheet HTML 6Page - Texas Instruments ADS8558IPM Datasheet HTML 7Page - Texas Instruments ADS8558IPM Datasheet HTML 8Page - Texas Instruments ADS8558IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
SARADC
String
DAC
2.5V/3V
REF
BUSY/INT
RANGE/XCLK
HW/SW
REF
/WR
RESET
EN
STBY
CS
RD
/
DB[15:0]
WORD/BYTE
PAR/SER
FS
CH_A0
CONVST_A
AGND
REFC_A
REF_IO
AVDD
BVDD
BGND
AGND
HVDD
HVSS
Control
Logic
Config
Register
I/O
SARADC
CH_A1
AGND
SARADC
CH_B0
CONVST_B
AGND
REFC_B
SARADC
CH_B1
AGND
SARADC
CH_C0
CONVST_C
AGND
REFC_C
SARADC
CH_C1
AGND
Clock
Generator
94
92
90
88
86
84
82
80
78
76
74
72
70
-40
-25
-10
5
20
35
50
65
125
Temperature (°C)
80
95
110
ADS8556
ADS8558
ADS8557
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADS8556, ADS8557, ADS8558
SBAS404D – OCTOBER 2006 – REVISED FEBRUARY 2016
ADS855x
16-, 14-, 12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
1
1 Features
1
Family of 16-, 14-, 12-Bit, Pin- and
Software-Compatible ADCs
Six SAR ADCs Grouped in Three Pairs
Maximum Data Rate Per Channel with Internal
Conversion Clock and Reference:
ADS8556: 630 kSPS (PAR) or 450 kSPS (SER)
ADS8557: 670 kSPS (PAR) or 470 kSPS (SER)
ADS8558: 730 kSPS (PAR) or 500 kSPS (SER)
Maximum Data Rate with External Conversion
Clock and Reference:
800 kSPS (PAR) or 530 kSPS (SER)
Pin-Selectable or Programmable Input Voltage
Ranges: Up to ±12 V
Excellent Signal-to-Noise Performance:
ADS8556: 91.5 dB, ADS8667: 85 dB,
ADS8668: 73.9 dB
Programmable and Buffered Internal Reference:
0.5 V to 2.5 V and 0.5 V to 3.0 V
Comprehensive Power-Down Modes:
Deep Power-Down (Standby Mode)
Partial Power-Down
Auto-Nap Power-Down
Selectable Parallel or Serial Interface
Operating Temperature Range: –40°C to 125°C
Block Diagram
2 Applications
Power Quality Measurement
Protection Relays
Multi-Axis Motor Control
Programmable Logic Controllers
Industrial Data Acquisition
3 Description
The ADS855x contains six low-power, 16-, 14-, or 12-
bit, successive approximation register (SAR) based
analog-to-digital converters (ADCs) with true bipolar
inputs. Each channel contains a sample-and-hold
circuit that allows simultaneous high-speed multi-
channel signal acquisition.
The ADS855x supports data rates of up to 730 kSPS
in parallel interface mode or up to 500 kSPS if the
serial interface is used. The bus width of the parallel
interface can be set to eight or 16 bits. In serial
mode, up to three output channels can be activated.
The ADS855x is specified over the full industrial
temperature range of –40°C to 125°C and is available
in an LQFP-64 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADS8556
LQFP (64)
10.00 mm × 10.00 mm
ADS8557
ADS8558
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SNR vs Temperature


Podobny numer części - ADS8558IPM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8558IPM TI-ADS8558IPM Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8558IPMR TI-ADS8558IPMR Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Podobny opis - ADS8558IPM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com