Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC8812IBPWR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC8812IBPWR
Szczegółowy opis  Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8812IBPWR Arkusz danych(HTML) 4 Page - Texas Instruments

  DAC8812IBPWR Datasheet HTML 1Page - Texas Instruments DAC8812IBPWR Datasheet HTML 2Page - Texas Instruments DAC8812IBPWR Datasheet HTML 3Page - Texas Instruments DAC8812IBPWR Datasheet HTML 4Page - Texas Instruments DAC8812IBPWR Datasheet HTML 5Page - Texas Instruments DAC8812IBPWR Datasheet HTML 6Page - Texas Instruments DAC8812IBPWR Datasheet HTML 7Page - Texas Instruments DAC8812IBPWR Datasheet HTML 8Page - Texas Instruments DAC8812IBPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
DAC8812
SBAS349D – AUGUST 2005 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DAC8812
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD to GND
–0.3
7
V
VREFx, RFBx to GND
–18
18
V
Digital logic inputs to GND
–0.3
VDD + 0.3
V
IOUTx to GND
–0.3
VDD + 0.3
V
AGNDx to DGND
–0.3
0.3
V
Input current to any pin except supplies
–50
50
mA
Package power dissipation
(150°C – TA) /
RθJA
W
Maximum junction temperature (TJmax)
150
°C
Operating temperature
–40
85
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as ±4000
V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ±1000
V may actually have higher performance.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage to GND
2.7
5.5
V
TA
Operating ambient temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
DAC8812
UNIT
PW (TSSOP)
16 PINS
RθJA
Junction-to-ambient thermal resistance
100.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
32.8
°C/W
RθJB
Junction-to-board thermal resistance
46.8
°C/W
ψJT
Junction-to-top characterization parameter
2
°C/W
ψJB
Junction-to-board characterization parameter
46
°C/W


Podobny numer części - DAC8812IBPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC8812IBPWR TI-DAC8812IBPWR Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Podobny opis - DAC8812IBPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com