Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC8811ICDGKRG4 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC8811ICDGKRG4
Szczegółowy opis  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811ICDGKRG4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button DAC8811ICDGKRG4 Datasheet HTML 7Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 8Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 9Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 10Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 11Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 12Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 13Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 14Page - Texas Instruments DAC8811ICDGKRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
OUT
REF
CODE
V
V
x
65536
D/A
Converter
Power-On
Reset
DAC
Register
Shift
Register
16
16
RFB
IOUT
GND
VDD
VREF
CS
CLK
SDI
DAC8811
11
DAC8811
www.ti.com
SLAS411D – NOVEMBER 2004 – REVISED FEBRUARY 2016
Product Folder Links: DAC8811
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
8
Detailed Description
8.1 Overview
The DAC8811 is a single channel current output, 16-bit digital-to-analog converter (DAC). The device includes a
3-wire serial interface to communicate with most DSPs.
8.2 Functional Block Diagram
8.3 Feature Description
The DAC8811 is a single channel current output, 16-bit digital-to-analog converter (DAC). The architecture,
illustrated in Figure 18, is an R-2R ladder configuration with the three MSBs segmented. Each 2R leg of the
ladder is either switched to GND or the IOUT terminal. The IOUT terminal of the DAC is held at a virtual GND
potential by the use of an external I/V converter op amp. The R-2R ladder is connected to an external reference
input VREF that determines the DAC full-scale current. The R-2R ladder presents a code independent load
impedance to the external reference of 5 k
Ω ±25%. The external reference voltage can vary in a range of -15 V
to 15 V, thus providing bipolar IOUT current operation. By using an external I/V converter and the DAC8811 RFB
resistor, output voltage ranges of -VREF to VREF can be generated.
Figure 18. Equivalent R-2R DAC Circuit
When using an external I/V converter and the DAC8811 RFB resistor, the DAC output voltage is given by
Equation 1:
(1)


Podobny numer części - DAC8811ICDGKRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC8811ICDGKR TI1-DAC8811ICDGKR Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Podobny opis - DAC8811ICDGKRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com