Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7042 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7042
Szczegółowy opis  Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7042 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS7042 Datasheet HTML 1Page - Texas Instruments ADS7042 Datasheet HTML 2Page - Texas Instruments ADS7042 Datasheet HTML 3Page - Texas Instruments ADS7042 Datasheet HTML 4Page - Texas Instruments ADS7042 Datasheet HTML 5Page - Texas Instruments ADS7042 Datasheet HTML 6Page - Texas Instruments ADS7042 Datasheet HTML 7Page - Texas Instruments ADS7042 Datasheet HTML 8Page - Texas Instruments ADS7042 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
ADS7042
www.ti.com
SBAS608C – JUNE 2014 – REVISED DECEMBER 2015
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
AVDD to GND
–0.3
3.9
V
DVDD to GND
–0.3
3.9
V
AINP to GND
–0.3
AVDD + 0.3
V
AINM to GND
–0.3
0.3
V
Digital input voltage to GND
–0.3
DVDD + 0.3
V
Storage temperature, Tstg
–60
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
AVDD
Analog supply voltage range
1.65
3.6
V
DVDD
Digital supply voltage range
1.65
3.6
V
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
ADS7042
THERMAL METRIC(1)
RUG (X2QFN)
DCU (VSSOP)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
177.5
235.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
51.5
79.8
°C/W
RθJB
Junction-to-board thermal resistance
76.7
117.6
°C/W
ψJT
Junction-to-top characterization parameter
1.0
8.9
°C/W
ψJB
Junction-to-board characterization parameter
76.7
116.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS7042


Podobny numer części - ADS7042

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7040IDCUR TI1-ADS7040IDCUR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IDCUT TI1-ADS7040IDCUT Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IRUGR TI1-ADS7040IRUGR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
More results

Podobny opis - ADS7042

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com