Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7041IDCUT Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7041IDCUT
Szczegółowy opis  Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7041IDCUT Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS7041IDCUT Datasheet HTML 1Page - Texas Instruments ADS7041IDCUT Datasheet HTML 2Page - Texas Instruments ADS7041IDCUT Datasheet HTML 3Page - Texas Instruments ADS7041IDCUT Datasheet HTML 4Page - Texas Instruments ADS7041IDCUT Datasheet HTML 5Page - Texas Instruments ADS7041IDCUT Datasheet HTML 6Page - Texas Instruments ADS7041IDCUT Datasheet HTML 7Page - Texas Instruments ADS7041IDCUT Datasheet HTML 8Page - Texas Instruments ADS7041IDCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
1
2
3
4
8
7
6
5
DVDD
SCLK
SDO
CS
AINM
AINP
AVDD
GND
1
2
3
7
6
5
CS
SDO
SCLK
DVDD
GND
AVDD
AINP
AINM
ADS7041
SBAS675C – NOVEMBER 2014 – REVISED DECEMBER 2015
www.ti.com
5 Pin Configuration and Functions
RUG Package
DCU Package
8-Pin X2QFN
8-Pin Leaded VSSOP
Top View
Top View
Pin Functions
PIN
NO.
NAME
RUG
DCU
I/O
DESCRIPTION
AINM
8
5
Analog input
Analog signal input, negative
AINP
7
6
Analog input
Analog signal input, positive
AVDD
6
7
Supply
Analog power-supply input, also provides the reference voltage to the ADC
CS
1
4
Digital input
Chip-select signal, active low
DVDD
4
1
Supply
Digital I/O supply voltage
GND
5
8
Supply
Ground for power supply, all analog and digital signals are referred to this pin
SCLK
3
2
Digital input
Serial clock
SDO
2
3
Digital output
Serial data out
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADS7041


Podobny numer części - ADS7041IDCUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
More results

Podobny opis - ADS7041IDCUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7039-Q1 TI1-ADS7039-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Small-Size, Low-Power, 10-Bit, 2-MSPS, SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com