Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7043 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części ADS7043
Szczegółowy opis  Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7043 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS7043_15 Datasheet HTML 1Page - Texas Instruments ADS7043_15 Datasheet HTML 2Page - Texas Instruments ADS7043_15 Datasheet HTML 3Page - Texas Instruments ADS7043_15 Datasheet HTML 4Page - Texas Instruments ADS7043_15 Datasheet HTML 5Page - Texas Instruments ADS7043_15 Datasheet HTML 6Page - Texas Instruments ADS7043_15 Datasheet HTML 7Page - Texas Instruments ADS7043_15 Datasheet HTML 8Page - Texas Instruments ADS7043_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
AVDD
OPA_AVDD
VIN+
AINP
AINM
GND
AVDD
Device
OPA_AVSS
+
R
C
+
±
Actual Device Size
1.5 x 1.5 x 0.35(H) mm
1.5
mm
1.5
m
m
RUG (8)
AVDD used as
Reference for device
AVDD/2
R
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
ADS7043
SBAS681D – NOVEMBER 2014 – REVISED DECEMBER 2015
ADS7043 Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
1 Features
3 Description
The
ADS7043
is
a
1-MSPS,
analog-to-digital
1
Industry's First SAR ADC with Nanowatt Power
converter (ADC). The device supports a wide analog
Consumption:
input voltage range (±0.825 V to ±1.8 V) and includes
243 µW at 1 MSPS with 1.8-V AVDD
a capacitor-based, successive-approximation register
780 µW at 1 MSPS with 3-V AVDD
(SAR) ADC with an inherent sample-and-hold circuit.
The SPI-compatible serial interface is controlled by
78 µW at 100 kSPS with 3-V AVDD
the CS and SCLK signals. The input signal is
Less than 1 µW at 1 kSPS with 3-V AVDD
sampled with the CS falling edge and SCLK is used
Industry's Smallest SAR ADC:
for conversion and serial data output. The device
supports a wide digital supply range (1.65 V to 3.6 V),
X2QFN-8 Package with 2.25-mm2 Footprint
enabling
direct
interface
to
a
variety
of
host
1-MSPS Throughput with Zero Data Latency
controllers. The device complies with the JESD8-7A
Wide Operating Range:
standard for normal DVDD range (1.65 V to 1.95 V).
AVDD: 1.65 V to 3.6 V
The device is available in 8-pin, miniature, leaded,
DVDD: 1.65 V to 3.6 V (Independent of AVDD)
and X2QFN packages and is specified for operation
from –40°C to 125°C. Miniature form-factor and
Temperature Range: –40°C to 125°C
extremely low-power consumption make this device
Excellent Performance:
suitable
for
space-constrained,
battery-powered
12-Bit Resolution with NMC
applications.
±1-LSB (Max) DNL and INL
Device Information(1)
70-dB SNR with 3-V AVDD
PART NAME
PACKAGE
BODY SIZE (NOM)
–80-dB THD with 3-V AVDD
X2QFN (8)
1.50 mm × 1.50 mm
Unipolar, Pseudo-Differential Input Range:
ADS7043
VSSOP (8)
2.30 mm × 2.00 mm
–AVDD / 2 to AVDD / 2
(1) For all available packages, see the orderable addendum at
Integrated Offset Calibration
the end of the datasheet.
SPI™-Compatible Serial Interface: 16 MHz
space
JESD8-7A Compliant Digital I/O
space
2 Applications
space
Low-Power Data Acquisition
Typical Application
Battery-Powered Handheld Equipment
Level Sensors
Ultrasonic Flow Meters
Motor Controls
Wearable Fitness
Portable Medical Equipment
Hard Drives
Glucose Meters
NOTE: The device is smaller than a 0805
(2012 metric) SMD component.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - ADS7043_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
More results

Podobny opis - ADS7043_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com