Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP7LN80K5 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części STP7LN80K5
Szczegółowy opis  Ultra-low gate charge
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7LN80K5 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button STP7LN80K5 Datasheet HTML 3Page - STMicroelectronics STP7LN80K5 Datasheet HTML 4Page - STMicroelectronics STP7LN80K5 Datasheet HTML 5Page - STMicroelectronics STP7LN80K5 Datasheet HTML 6Page - STMicroelectronics STP7LN80K5 Datasheet HTML 7Page - STMicroelectronics STP7LN80K5 Datasheet HTML 8Page - STMicroelectronics STP7LN80K5 Datasheet HTML 9Page - STMicroelectronics STP7LN80K5 Datasheet HTML 10Page - STMicroelectronics STP7LN80K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STP7LN80K5
Electrical characteristics
DocID028826 Rev 1
7/13
Figure 8: Capacitance variations
Figure 9: Normalized gate threshold voltage
vs temperature
Figure 10: Normalized V(BR)DSS vs temperature
Figure 11: Normalized on-resistance vs
temperature
Figure 12: Source-drain diode forward
characteristics
Figure 13: Maximum avalanche energy vs
starting TJ


Podobny numer części - STP7LN80K5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN DOINGTER SEMIC...
STP70L60 DOINGTER-STP70L60 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STP70N06FI VBSEMI-STP70N06FI Datasheet
2Mb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STP70N10F4 STMICROELECTRONICS-STP70N10F4 Datasheet
974Kb / 18P
   N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
logo
VBsemi Electronics Co.,...
STP70N10F4 VBSEMI-STP70N10F4 Datasheet
2Mb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STP70NF03L STMICROELECTRONICS-STP70NF03L Datasheet
255Kb / 9P
   N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
More results

Podobny opis - STP7LN80K5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
   Ultra-low gate charge
November 2015 Rev 2
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
   Ultra-low gate charge
November 2016 Rev 1
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
   Ultra low gate charge
logo
STMicroelectronics
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
   Ultra low gate charge
February 2014 Rev 2
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
   Ultra-low gate charge
January 2017 Rev 4
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
   Ultra-low gate charge
October 2016 Rev 1
STF6N80K5 STMICROELECTRONICS-STF6N80K5 Datasheet
831Kb / 15P
   Ultra low gate charge
September 2016 Rev 4
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
   Ultra low gate charge
November 2013 Rev 1
STL2N80K5 STMICROELECTRONICS-STL2N80K5 Datasheet
1Mb / 17P
   Ultra low gate charge
July 2014 Rev 2
STF7N80K5 STMICROELECTRONICS-STF7N80K5 Datasheet
689Kb / 14P
   Ultra low gate charge
October 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com