Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12D1600CIUT Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC12D1600CIUT
Szczegółowy opis  GSPS Ultra High-Speed ADC
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1600CIUT Arkusz danych(HTML) 4 Page - Texas Instruments

  ADC12D1600CIUT Datasheet HTML 1Page - Texas Instruments ADC12D1600CIUT Datasheet HTML 2Page - Texas Instruments ADC12D1600CIUT Datasheet HTML 3Page - Texas Instruments ADC12D1600CIUT Datasheet HTML 4Page - Texas Instruments ADC12D1600CIUT Datasheet HTML 5Page - Texas Instruments ADC12D1600CIUT Datasheet HTML 6Page - Texas Instruments ADC12D1600CIUT Datasheet HTML 7Page - Texas Instruments ADC12D1600CIUT Datasheet HTML 8Page - Texas Instruments ADC12D1600CIUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
VA
AGND
VA
AGND
100
VBIAS
50k
50k
VA
AGND
VA
AGND
100
VA
AGND
VA
AGND
100
VBIAS
50k
50k
ADC12D1000, ADC12D1600
SNAS480N – MAY 2010 – REVISED AUGUST 2015
www.ti.com
Pin Functions: Analog Front-End and Clock Balls
PIN
I/O
EQUIVALENT CIRCUIT
DESCRIPTION
NAME
NO.
Differential Converter Sampling Clock. In the Non-
DES Mode, the analog inputs are sampled on the
positive transitions of this clock signal. In the DES
CLK+/-
U2/V1
I
Mode, the selected input is sampled on both
transitions of this clock. This clock must be AC-
coupled.
Differential DCLK Reset. A positive pulse on this
input is used to reset the DCLKI and DCLKQ
outputs of two or more ADC12D1x00s to
synchronize them with other ADC12D1x00s in the
system. DCLKI and DCLKQ are always in phase
DCLK_RST+/-
V2/W1
I
with each other, unless one channel is powered
down, and do not require a pulse from DCLK_RST
to become synchronized. The pulse applied here
must meet timing relationships with respect to the
CLK input. Although supported, this feature has
been superseded by AutoSync.
Reference Clock Input. When the AutoSync feature
is active, and the ADC12D1x00 is in Slave Mode,
the internal divided clocks are synchronized with
RCLK+/-
Y4/W5
I
respect to this input clock. The delay on this clock
may be adjusted when synchronizing multiple
ADCs. This feature is available in ECM through
Control Register (Addr: Eh).
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADC12D1000 ADC12D1600


Podobny numer części - ADC12D1600CIUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
More results

Podobny opis - ADC12D1600CIUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
TS8388B ATMEL-TS8388B Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com