Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC31JB68RTA25 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADC31JB68RTA25
Szczegółowy opis  Single Channel 16-bit 500 Msps Analog to Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31JB68RTA25 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADC31JB68RTA25 Datasheet HTML 2Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 3Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 4Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 5Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 6Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 7Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 8Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 9Page - Texas Instruments ADC31JB68RTA25 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
ADC31JB68
SLASE60A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range
VA3.0
–0.3
4.2
V
VA1.8
–0.3
2.35
V
VA1.2, VACLK1.2
–0.3
1.55
V
VIN+, VIN–
VCM – 0.75
VCM + 0.75
V
VA3.0 + 0.3,
VCM
–0.3
V
not to exceed 4.2V
Voltage applied to input pins
CLKIN+, CLKIN–, SYSREF+, SYSREF-
–0.3
1.55
V
SYNCb+, SYNCb–
–0.3
VA1.8 + 0.3
V
VA3.0 + 0.3,
SCLK, SDI, CSb
–0.3
V
not to exceed 4.2V
Operating junction temperature range, TJ
(2)
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Prolonged use at this temperature may increase the device failure-in-time (FIT) rate.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Operating conditions specified over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
VA3.0
2.85
3.15
V
Supply voltage range
VA1.8
1.7
1.9
V
VA1.2, VACLK1.2
1.15
1.25
V
CLKIN+/- duty cycle
CLKDIV = 1
30%
70%
Operating free-air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
105
°C
6.4 Thermal Information
ADC31JB68
THERMAL METRIC(1)
RTA (WQFN)
UNIT
(40) PINS
RθJA
Junction-to-ambient thermal resistance
28.4
RθJC(top)
Junction-to-case (top) thermal resistance
13.1
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.0
°C/W
RθJB
Junction-to-board thermal resistance
4.5
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
4.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADC31JB68


Podobny numer części - ADC31JB68RTA25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MPS Industries, Inc.
ADC311 MPSIND-ADC311 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC312 MPSIND-ADC312 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC313 MPSIND-ADC313 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC314 MPSIND-ADC314 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC315 MPSIND-ADC315 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
More results

Podobny opis - ADC31JB68RTA25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com