Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC128S102WGMPR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC128S102WGMPR
Szczegółowy opis  8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102WGMPR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADC128S102WGMPR Datasheet HTML 2Page - Texas Instruments ADC128S102WGMPR Datasheet HTML 3Page - Texas Instruments ADC128S102WGMPR Datasheet HTML 4Page - Texas Instruments ADC128S102WGMPR Datasheet HTML 5Page - Texas Instruments ADC128S102WGMPR Datasheet HTML 6Page - Texas Instruments ADC128S102WGMPR Datasheet HTML 7Page - Texas Instruments ADC128S102WGMPR Datasheet HTML 8Page - Texas Instruments ADC128S102WGMPR Datasheet HTML 9Page - Texas Instruments ADC128S102WGMPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ADC128S102QML-SP
SNAS411N – AUGUST 2008 – REVISED SEPTEMBER 2015
www.ti.com
6.5 Electrical Characteristics: ADC128S102QML-SP Converter
The following specifications apply for AGND = DGND = 0V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE = 50 kSPS to 1 MSPS, CL =
50pF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
SUBGROUP
MIN
TYP(1)
MAX
UNIT
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits
VA = VD = 3 V
1, 2, 3
–1
±0.6
1.1
LSB
Integral Non-Linearity (End Point
INL
Method)
VA = VD = 5 V
1, 2, 3
–1.25
±0.9
1.4
LSB
1, 2, 3
0.5
0.9
LSB
VA = VD = 3 V
1, 2, 3
–0.7
–0.3
LSB
DNL
Differential Non-Linearity
1, 2, 3
0.9
1.5
LSB
VA = VD = 5 V
1, 2, 3
–0.9
−0.5
LSB
VA = VD = 3 V
1, 2, 3
–2.3
0.8
2.3
LSB
VOFF
Offset Error
VA = VD = 5 V
1, 2, 3
–2.3
1.1
2.3
LSB
VA = VD = 3 V
1, 2, 3
–1.5
±0.1
1.5
LSB
OEM
Offset Error Match
VA = VD = 5 V
1, 2, 3
–1.5
±0.3
1.5
LSB
VA = VD = 3 V
1, 2, 3
–2
0.8
2
LSB
FSE
Full Scale Error
VA = VD = 5 V
1, 2, 3
–2
0.3
2
LSB
VA = VD = 3 V
1, 2, 3
–1.5
±0.1
1.5
LSB
FSEM
Full Scale Error Match
VA = VD = 5 V
1, 2, 3
–1.5
±0.3
1.5
LSB
DYNAMIC CONVERTER CHARACTERISTICS
VA = VD = 3 V
6.8
MHz
FPBW
Full Power Bandwidth (–3 dB)
VA = VD = 5 V
10
MHz
VA = VD = 3 V,
4, 5, 6
68
72
dB
fIN = 40.2 kHz, −0.02 dBFS
Signal-to-Noise Plus Distortion
SINAD
Ratio
VA = VD = 5 V,
4, 5, 6
68
72
dB
fIN = 40.2 kHz, −0.02 dBFS
VA = VD = 3 V,
4, 5, 6
69
72
dB
fIN = 40.2 kHz, −0.02 dBFS
SNR
Signal-to-Noise Ratio
VA = VD = 5 V,
4, 5, 6
68.5
72
dB
fIN = 40.2 kHz, −0.02 dBFS
VA = VD = 3 V,
4, 5, 6
–86
–74
dB
fIN = 40.2 kHz, −0.02 dBFS
THD
Total Harmonic Distortion
VA = VD = 5 V,
4, 5, 6
–87
–74
dB
fIN = 40.2 kHz, −0.02 dBFS
VA = VD = 3 V,
4, 5, 6
75
91
dB
fIN = 40.2 kHz, −0.02 dBFS
SFDR
Spurious-Free Dynamic Range
VA = VD = 5 V,
4, 5, 6
75
90
dB
fIN = 40.2 kHz, −0.02 dBFS
VA = VD = 3 V,
4, 5, 6
11.1
11.6
Bits
fIN = 40.2 kHz
ENOB
Effective Number of Bits
VA = VD = 5 V,
4, 5, 6
11.1
11.6
Bits
fIN = 40.2 kHz, −0.02 dBFS
VA = VD = 3 V,
84
dB
fIN = 20 kHz
ISO
Channel-to-Channel Isolation
VA = VD = 5 V,
85
dB
fIN = 20 kHz, −0.02 dBFS
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms.
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ADC128S102QML-SP


Podobny numer części - ADC128S102WGMPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC128S102WGMPR NSC-ADC128S102WGMPR Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102WGMPR TI1-ADC128S102WGMPR Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
ADC128S102WGMPR TI1-ADC128S102WGMPR Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102WGMPR TI1-ADC128S102WGMPR Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Podobny opis - ADC128S102WGMPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102QML-SP_017 TI1-ADC128S102QML-SP_017 Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com