Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC3423 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC3423
Szczegółowy opis  Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3423 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADC3423 Datasheet HTML 5Page - Texas Instruments ADC3423 Datasheet HTML 6Page - Texas Instruments ADC3423 Datasheet HTML 7Page - Texas Instruments ADC3423 Datasheet HTML 8Page - Texas Instruments ADC3423 Datasheet HTML 9Page - Texas Instruments ADC3423 Datasheet HTML 10Page - Texas Instruments ADC3423 Datasheet HTML 11Page - Texas Instruments ADC3423 Datasheet HTML 12Page - Texas Instruments ADC3423 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
ADC3421, ADC3422, ADC3423, ADC3424
www.ti.com
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
AC Performance: ADC3421 (continued)
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to TMAX
= 85°C, ADC sampling rate = 25 MSPS, 50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless
otherwise noted.
ADC3421 (fS = 25 MSPS)
DITHER ON
DITHER OFF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
fIN = 10 MHz
93
92
fIN = 20 MHz
84
100
94
fIN = 70 MHz
93
92
Second-order harmonic
HD2
dBc
distortion
fIN = 100 MHz
94
93
fIN = 170 MHz
86
85
fIN = 230 MHz
86
82
fIN = 10 MHz
96
90
fIN = 20 MHz
84
91
85
fIN = 70 MHz
93
88
HD3
Third-order harmonic distortion
dBc
fIN = 100 MHz
85
82
fIN = 170 MHz
89
89
fIN = 230 MHz
82
82
fIN = 10 MHz
99
92
fIN = 20 MHz
87
98
91
fIN = 70 MHz
96
92
Non
Spurious-free dynamic range
dBc
HD2, HD3
(excluding HD2, HD3)
fIN = 100 MHz
95
93
fIN = 170 MHz
92
90
fIN = 230 MHz
97
91
fIN = 10 MHz
90
86
fIN = 20 MHz
81
90
83
fIN = 70 MHz
89
85
THD
Total harmonic distortion
dBc
fIN = 100 MHz
84
80
fIN = 170 MHz
84
83
fIN = 230 MHz
80
79
fIN1 = 45 MHz,
–98
–98
fIN2 = 50 MHz
Two-tone, third-order
IMD3
dBFS
intermodulation distortion
fIN1 = 185 MHz,
–91
–91
fIN2 = 190 MHz
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424


Podobny numer części - ADC3423

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC3421 TI1-ADC3421 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADC3421-Q1 TI1-ADC3421-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
More results

Podobny opis - ADC3423

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADC3421-Q1 TI1-ADC3421-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com