Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8674 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8674
Szczegółowy opis  4- and 8-Channel, Single-Supply, SAR ADCs
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8674 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS8674 Datasheet HTML 1Page - Texas Instruments ADS8674 Datasheet HTML 2Page - Texas Instruments ADS8674 Datasheet HTML 3Page - Texas Instruments ADS8674 Datasheet HTML 4Page - Texas Instruments ADS8674 Datasheet HTML 5Page - Texas Instruments ADS8674 Datasheet HTML 6Page - Texas Instruments ADS8674 Datasheet HTML 7Page - Texas Instruments ADS8674 Datasheet HTML 8Page - Texas Instruments ADS8674 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
ADS8674, ADS8678
SBAS627 – JULY 2015
www.ti.com
Pin Functions (continued)
PIN
NAME
I/O
DESCRIPTION
NO.
ADS8674
ADS8678
Analog input channel 6, positive input. Decouple with AIN_6GND on pin 13.
12
NC
AIN_6P
Analog input
No connection for the ADS8674; this pin can be left floating or connected to AGND.
Analog input channel 6, negative input. Decouple with AIN_6P on pin 12.
13
NC
AIN_6GND
Analog input
No connection for the ADS8674; this pin can be left floating or connected to AGND.
Analog input channel 7, positive input. Decouple with AIN_7GND on pin 15.
14
NC
AIN_7P
Analog input
No connection for the ADS8674; this pin can be left floating or connected to AGND.
Analog input channel 7, negative input. Decouple with AIN_7P on pin 14.
15
NC
AIN_7GND
Analog input
No connection for the ADS8674; this pin can be left floating or connected to AGND.
16
AIN_0P
Analog input
Analog input channel 0, positive input. Decouple with AIN_0GND on pin 17.
17
AIN_0GND
Analog input
Analog input channel 0, negative input. Decouple with AIN_0P on pin 16.
18
AIN_1P
Analog input
Analog input channel 1, positive input. Decouple with AIN_1GND on pin 19.
19
AIN_1GND
Analog input
Analog input channel 1, negative input. Decouple with AIN_1P on pin 18.
20
AIN2_GND
Analog input
Analog input channel 2, negative input. Decouple with AIN_2P on pin 21.
21
AIN_2P
Analog input
Analog input channel 2, positive input. Decouple with AIN_2GND on pin 20.
22
AIN_3GND
Analog input
Analog input channel 3, negative input. Decouple with AIN_3P on pin 23.
23
AIN_3P
Analog input
Analog input channel 3, positive input. Decouple with AIN_3GND on pin 22.
Analog input channel 4, negative input. Decouple with AIN_4P on pin 25.
24
NC
AIN_4GND
Analog input
No connection for the ADS8674; this pin can be left floating or connected to AGND.
Analog input channel 4, positive input. Decouple with AIN_4GND on pin 24.
25
NC
AIN_4P
Analog input
No connection for the ADS8674; this pin can be left floating or connected to AGND.
Analog input channel 5, negative input. Decouple with AIN_5P on pin 27.
26
NC
AIN_5GND
Analog input
No connection for the ADS8674; this pin can be left floating or connected to AGND.
Analog input channel 5, positive input. Decouple with AIN_5GND on pin 26.
27
NC
AIN_5P
Analog input
No connection for the ADS8674; this pin can be left floating or connected to AGND.
28
AGND
Power supply
Analog ground pin
29
AGND
Power supply
Analog ground pin
30
AVDD
Power supply
Analog supply pin. Decouple with AGND on pin 31.
31
AGND
Power supply
Analog ground pin. Decouple with AVDD on pin 30.
32
AGND
Power supply
Analog ground pin
33
DGND
Power supply
Digital ground pin. Decouple with DVDD on pin 34.
34
DVDD
Power supply
Digital supply pin. Decouple with DGND on pin 33.
35
ALARM
Digital output
Active high alarm output
36
SDO
Digital output
Data output for serial communication
37
SCLK
Digital input
Clock input for serial communication
38
CS
Digital input
Active low logic input; chip-select signal
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADS8674 ADS8678


Podobny numer części - ADS8674

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IPW TI1-ADS8671IPW Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IPWR TI1-ADS8671IPWR Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IRUMR TI1-ADS8671IRUMR Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IRUMT TI1-ADS8671IRUMT Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
More results

Podobny opis - ADS8674

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8684A TI1-ADS8684A Datasheet
3Mb / 80P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com