Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8674 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8674
Szczegółowy opis  4- and 8-Channel, Single-Supply, SAR ADCs
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8674 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS8674 Datasheet HTML 3Page - Texas Instruments ADS8674 Datasheet HTML 4Page - Texas Instruments ADS8674 Datasheet HTML 5Page - Texas Instruments ADS8674 Datasheet HTML 6Page - Texas Instruments ADS8674 Datasheet HTML 7Page - Texas Instruments ADS8674 Datasheet HTML 8Page - Texas Instruments ADS8674 Datasheet HTML 9Page - Texas Instruments ADS8674 Datasheet HTML 10Page - Texas Instruments ADS8674 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
ADS8674, ADS8678
www.ti.com
SBAS627 – JULY 2015
Electrical Characteristics (continued)
Minimum and maximum specifications are at TA = –40°C to 125°C. Typical specifications are at TA = 25°C.
AVDD = 5 V, DVDD = 3 V, VREF = 4.096 V (internal), and fSAMPLE = 500 kSPS, unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
SYSTEM PERFORMANCE
Resolution
14
Bits
A
NMC
No missing codes
14
Bits
A
DNL
Differential nonlinearity
–0.5
±0.2
0.5
LSB(3)
A
INL
Integral nonlinearity(4)
–0.75
±0.25
0.75
LSB
A
EG
Gain error
At TA = 25°C, all input ranges
±0.02
±0.05
%FSR(5)
A
Gain error matching
At TA = 25°C, all input ranges
±0.02
±0.05
%FSR
A
(channel-to-channel)
Gain error temperature drift
All input ranges
1
4
ppm/°C
B
At TA = 25°C,
±0.5
±1
A
input range = ±2.5 × VREF
(6)
EO
Offset error
mV
At TA = 25°C,
±0.5
±2
A
all other input ranges
At TA = 25°C,
±0.5
±1
A
input range = ±2.5 × VREF
(6)
Offset error matching
mV
(channel-to-channel)
At TA = 25°C,
±0.5
±2
A
all other input ranges
Input range = ±2.5 × VREF
1
3
B
Input range = ±1.25 × VREF
1
3
B
Input range = ±0.625 × VREF
1
3
B
Input range = ±0.3125 × VREF
2
6
B
Offset error temperature drift
Input range = ±0.15625 × VREF
4
12
ppm/°C
B
Input range = 0 to 2.5 × VREF
1
3
B
Input range = 0 to 1.25 × VREF
1
3
B
Input range = 0 to 0.625 × VREF
2
6
B
Input range = 0 to 0.3125 × VREF
4
12
B
SAMPLING DYNAMICS
tCONV
Conversion time
850
ns
A
tACQ
Acquisition time
1150
ns
A
Maximum throughput rate
fS
500
kSPS
A
without latency
(3)
LSB = least significant bit.
(4)
This parameter is the endpoint INL, not best-fit INL.
(5)
FSR = full-scale range.
(6)
Does not include the shift in offset over time.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS8674 ADS8678


Podobny numer części - ADS8674

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IPW TI1-ADS8671IPW Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IPWR TI1-ADS8671IPWR Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IRUMR TI1-ADS8671IRUMR Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671IRUMT TI1-ADS8671IRUMT Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
More results

Podobny opis - ADS8674

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8684A TI1-ADS8684A Datasheet
3Mb / 80P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com