Zakładka z wyszukiwarką danych komponentów |
|
ADS7950SRGET Arkusz danych(PDF) 3 Page - Texas Instruments |
|
ADS7950SRGET Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 70 page ADS7950, ADS7951, ADS7952, ADS7953, ADS7954, ADS7955 ADS7956, ADS7957, ADS7958, ADS7959, ADS7960, ADS7961 www.ti.com SLAS605B – JUNE 2008 – REVISED JULY 2015 • Added Note to Electrical Characteristics, ADS7950/51/52/53 ............................................................................................. 11 • Added Vref = 2.5 V ± 0.1 V to Electrical Characteristics, ADS7954/55/56/57 test conditions............................................... 12 • Added while 2Vref ≤ +VA to full-scale input span range 2 test conditions........................................................................... 12 • Added while 2Vref ≤ +VA to full-scale input span range 2 test conditions........................................................................... 12 • Changed Vref reference voltage at REFP min value from 2.49 V to 2.0 V ........................................................................... 12 • Changed Vref reference voltage at REFP max value from 2.51 V to 3.0 V .......................................................................... 12 • Added Vref = 2.5 V ± 0.1 V to Electrical Characteristics, ADS7958/59/60/61 test conditions............................................... 13 • Added while 2Vref ≤ +VA to full-scale input span range 2 test conditions........................................................................... 13 • Added while 2Vref ≤ +VA to full-scale input span range 2 test conditions........................................................................... 13 • Changed Vref reference voltage at REFP min value from 2.49 V to 2.0 V ........................................................................... 14 • Changed Vref reference voltage at REFP max value from 2.51 V to 3.0 V .......................................................................... 14 • Changed tsu1 values from max to min................................................................................................................................... 15 • Changed tsu2 values from max to min................................................................................................................................... 15 • Added TOTAL UNADJUSTED ERROR (TUE Max) graph................................................................................................... 23 • Added TOTAL UNADJUSTED ERROR (TUE Min) graph.................................................................................................... 23 • Changed GPIO pins description ........................................................................................................................................... 26 • Added device powerdown through GPIO in the case of the TSSOP packaged devices ..................................................... 26 • Added note to Table 1 .......................................................................................................................................................... 31 • Added note to Table 2 .......................................................................................................................................................... 33 • Added note to Table 5 .......................................................................................................................................................... 36 • Added note to Programming GPIO Registers description.................................................................................................... 38 • Added QFN information to Table 11..................................................................................................................................... 39 • Changed DI12 = 1? from No or No to Yes or No in Figure 56............................................................................................. 40 • Added note to Figure 57 ....................................................................................................................................................... 42 Copyright © 2008–2015, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: ADS7950 ADS7951 ADS7952 ADS7953 ADS7954 ADS7955 ADS7956 ADS7957 ADS7958 ADS7959 ADS7960 ADS7961 |
Podobny numer części - ADS7950SRGET |
|
Podobny opis - ADS7950SRGET |