Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC34SH84 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części DAC34SH84
Szczegółowy opis  Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC34SH84 Arkusz danych(HTML) 5 Page - Texas Instruments

  DAC34SH84_15 Datasheet HTML 1Page - Texas Instruments DAC34SH84_15 Datasheet HTML 2Page - Texas Instruments DAC34SH84_15 Datasheet HTML 3Page - Texas Instruments DAC34SH84_15 Datasheet HTML 4Page - Texas Instruments DAC34SH84_15 Datasheet HTML 5Page - Texas Instruments DAC34SH84_15 Datasheet HTML 6Page - Texas Instruments DAC34SH84_15 Datasheet HTML 7Page - Texas Instruments DAC34SH84_15 Datasheet HTML 8Page - Texas Instruments DAC34SH84_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
DAC34SH84
www.ti.com
SLAS808E – FEBRUARY 2012 – REVISED SEPTEMBER 2015
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
A10, A13,
A14, B10,
B11, B12,
B13, C5, C6,
C7, C8, C9,
C10, C13,
D8, D13,
D14, E8,
E12, E13,
F6, F7, F8,
F9, F12, F13,
G6, G7, G8,
GND
G9, G13,
I
These pins are ground for all supplies.
G14, H6, H7,
H8, H9, H13,
H14, J6, J7,
J8, J9, J12,
J13, K8, K13,
L8, L13, L14,
M5, M6, M7,
M8, M9,
M10, M11,
M12, M13,
N13, P13,
P14
IOUTAP
B14
O
A-channel DAC current output. Connect directly to ground if unused.
IOUTAN
C14
O
A-channel DAC complementary current output. Connect directly to ground if unused.
IOUTBP
F14
O
B-channel DAC current output. Connect directly to ground if unused.
IOUTBN
E14
O
B-channel DAC complementary current output. Connect directly to ground if unused.
IOUTCP
J14
O
C-channel DAC current output. Connect directly to ground if unused.
IOUTCN
K14
O
C-channel DAC complementary current output. Connect directly to ground if unused.
IOUTDP
N14
O
D-channel DAC current output. Connect directly to ground if unused.
IOUTDN
M14
O
D-channel DAC complementary current output. Connect directly to ground if unused.
D5, D6, G5,
IOVDD
I
Supply voltage for all LVDS I/O. (3.3 V)
H5, L5. L6
Supply voltage for all CMOS I/O. (1.8 V to 3.3 V) This supply can range from 1.8 V to 3.3 V to change
IOVDD2
L12
I
the input and output levels of the CMOS I/O.
LPF
D12
I/O
PLL loop filter connection. If not using the clock-multiplying PLL, the LPF pin can be left unconnected.
Optional LVPECL output strobe positive input. This positive-negative pair is captured with the rising
OSTRP
A9
I
edge of DACCLKP/N. It is used to sync the divided-down clocks and FIFO output pointer in dual-
sync-sources mode. If unused it can be left unconnected.
OSTRN
B9
I
Optional LVPECL output strobe negative input. (See the OSTRP description.)
Optional LVDS positive input parity bit for the CD-data bus. The PARITYCDP/N LVDS pair has an
internal 100-
Ω termination resistor. If unused, it can be left unconnected.
PARITYCDP
N8
I
The PARITY, SYNC, and ISTR inputs are rotated to allow complete reversal of the data interface
when setting the rev_interface bit in register config1.
PARITYCDN
P8
I
Optional LVDS negative input parity bit for the CD-data bus.
PLLAVDD
C11, D11
I
PLL analog supply voltage (3.3 V)
SCLK
P9
I
Serial interface clock. Internal pulldown
SDENB
P10
I
Active-low serial data enable, always an input to the DAC34SH84. Internal pullup
Serial interface data. Bidirectional in 3-pin mode (default) and unidirectional 4-pin mode. Internal
SDIO
P11
I/O
pulldown
Unidirectional serial interface data in 4-pin mode. The SDO pin is in the high-impedance state in 3-pin
SDO
P12
O
interface mode (default).
SLEEP
N11
I
Active-high asynchronous hardware power-down input. Internal pulldown
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC34SH84


Podobny numer części - DAC34SH84_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC34SH84 TI-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   DAC34SH84 Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results

Podobny opis - DAC34SH84_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   DAC34SH84 Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com